Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 103 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 103 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 106Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 107Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
17 Multi-Input Wake-Up
The Multi-Input Wake-Up (MIWU) module allows most general-purpose I/O port pins, certain peripheral
pins (that do not share functionality with a GPIO port), and certain peripheral events to break the system
out of a low-power mode and return to Active mode. Each MIWU input can be programmed to assert a
wake-up signal for exiting from a low-power mode, and each input can be independently programmed to
assert an interrupt request on any of eight maskable interrupts assigned to the MIWU module.
Eight types of registers control the generation of interrupts and wake-up events, and one register indicates
the status of pending interrupt requests:
•
WKRPNDx—two 32-bit registers indicate which MIWU inputs have detected rising edges since they
were last cleared (either by reset or writing to WKCLRx).
•
WKFPNDx—two 32-bit registers indicate which MIWU inputs have detected falling edges since they
were last cleared (either by reset or writing to WKCLRx).
•
WKCLRx—writing 1 to bits in either of these two 32-bit registers clears the corresponding bits in the
WKRPNDx and WKFPNDx registers. The WKCLRx registers are write-only.
•
WKRENx—two 32-bit registers hold bits for enabling a wake-up event when a rising edge is detected
on the corresponding MIWU input.
•
WKFENx—two 32-bit registers hold bits for enabling a wake-up event when a falling edge is detected
on the corresponding MIWU input.
•
WKREINx—two 32-bit registers hold bits for enabling an interrupt when a rising edge is detected on
the corresponding MIWU input.
•
WKFEINx—two 32-bit registers hold bits for enabling an interrupt when a falling edge is detected on
the corresponding MIWU input.
•
WKICTLx—four 32-bit registers provide two-bit fields to select one of four MIWU interrupt channels
available when an enabled interrupt occurs. MIWU inputs 31:0 can only assert MIWU interrupts 3:0,
while MIWU inputs 63:32 can only assert MIWU interrupts 7:4.
•
WKISTAT—indicates pending MIWU interrupts.
The MIWU module is always active, including in Halt mode when all device clocks are stopped. Therefore,
detecting an external trigger condition and setting bits in WKRPNDx and WKFPNDx do not require an
active HCLK Clock or PCLK Clock.
Copyright © 2013, Texas Instruments Incorporated
Multi-Input Wake-Up
103
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com