Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 106 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 106 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 106Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 107Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 108Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 17-2. Multi-Input Wake-Up Registers (continued)
NAME
ADDRESS
DESCRIPTION
WKICTL2
FF C074h
Interrupt Control Register 2
WKICTL3
FF C078h
Interrupt Control Register 3
WKICTL4
FF C07Ch
Interrupt Control Register 4
WKISTAT
FF C090h
Interrupt Status Register
17.1.1 Rising Edge Pending Register n (WKRPNDn)
The WKRPNDn registers are 32-bit, read/write registers that indicate whether a rising edge has been
detected on the corresponding MIWU input. Bits 31:0 of WKRPND1 correspond to MIWU inputs 31:0 Bits
31:0 of WKRPND2 correspond to MIWU inputs 63:32. Writing 1 to bits in the WKCLRn registers clears the
corresponding bits in the WKRPNDn registers. The WKRPNDn registers are cleared at reset. The register
format is shown below.
31
0
WKRPD
WKRPD
The Wake-Up Rising Edge Pending bits indicate whether a rising edge has occurred on the
corresponding MIWU inputs since the bits were last cleared.
0 – No rising edge occurred.
1 – Rising edge occurred.
17.1.2 Falling Edge Pending Register n (WKFPNDn)
The WKFPNDn registers are 32-bit, read/write registers that indicate whether a falling edge has been
detected on the corresponding MIWU input. Bits 31:0 of WKFPND1 correspond to MIWU inputs 31:0 Bits
31:0 of WKFPND2 correspond to MIWU inputs 63:32. Writing 1 to bits in the WKCLRn registers clears the
corresponding bits in the WKFPNDn registers. The WKFPNDn registers are cleared at reset. The register
format is shown below.
31
0
WKFPD
WKFPD The Wake-Up Falling Edge Pending bits indicate whether a falling edge has occurred on the
corresponding MIWU inputs since the bits were last cleared.
0 – No falling edge occurred.
1 – Falling edge occurred.
17.1.3 Clear Pending Register n (WKCLRn)
The WKCLRn registers are 32-bit, write-only registers that clear bits in the WKRPNDn and WKFPNDn
registers. Writing 1 to a WKCLRn bit clears the corresponding bit in each of the other registers. WKCLR1
clears bits in WKRPND1 and WKFPND1, and WKCLR2 clears bits in WKRPND2 and WKFPND2. The
register format is shown below.
31
0
WKCL
106
Multi-Input Wake-Up
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com