Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 108 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 108 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 106Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 107Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 108Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
31
0
WKFIEN
WKFIEN
The Falling Edge Interrupt Enable bits enable an interrupt when a falling edge occurs on
the corresponding MIWU input.
0 – No interrupt enabled.
1 – Interrupt enabled.
17.1.8 Interrupt Control Register n (WKICTLn)
The WKICTLn registers are 32-bit, read/write registers that provide 2-bit fields which select the MIWU
interrupt channels used by the associated MIWU channels. Each MIWU input can only activate one of four
interrupt channels. MIWU inputs 31:0 can only activate MIWU interrupt channels 3:0, and MIWU inputs
63:32 can only activate MIWU interrupt channels 7:4.
The WKICTL1 register selects interrupts for MIWU inputs 15:0, WKICTL2 selects interrupts for MIWU
inputs 31:16, WKICTL3 selects interrupts for inputs 47:32, and WKICTL4 selects interrupts for inputs
63:48. At reset, the WKICTLn registers are cleared. The register format of WKICTL1 is shown below (the
other registers have a similar format).
15––--—14
13––--—12
11––--—10
9––--—8
7––--—6
5––--—4
3––--—2
1––--—0
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
TR7
TR6
TR5
TR4
TR3
TR2
TR1
TR0
31––--—30
29––--—28
27––--—26
25––--—24
23––--—22
21––--—20
19––--—18
17––--—16
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
WKIN
TR15
TR14
TR13
TR12
TR11
TR10
TR9
TR8
WKINTR
The Interrupt Request fields select which of four available MIWU interrupt channels are
activated for the corresponding MIWU input.
00 – Selects MIWU interrupt channel 0 or 4.
01 – Selects MIWU interrupt channel 1 or 5.
10 – Selects MIWU interrupt channel 2 or 6.
11 – Selects MIWU interrupt channel 3 or 7.
17.1.9 Interrupt Status Register (WKISTAT)
The WKISTAT register is a 32-bit read-only register that indicates the status of the 8 MIWU interrupt
channels. No interrupt channels are active following reset. The register format is shown below.
31
8M M7
0
Reserved
WKIST
WKIST
The Interrupt Status bits indicate which MIWU interrupt channels are currently asserting an
interrupt request.
0 – No interrupt request is being asserted.
1 – An interrupt request is being asserted.
108
Multi-Input Wake-Up
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com