Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 111 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 111 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 107Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 108Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 112Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 113Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
18.1 Open-Drain Operation
A port pin can be configured to operate as an inverting open-drain output buffer. To do this, software must
clear the bit in the PxDOUT register and use the PxDIR bit to set the value of the port pin. In open-drain
operation, the output buffer is toggled between driving logic low and TRI-STATE (high-impedance mode).
This is achieved by using the PxDIR register to switch between driving a low output and configuring the
port pin as an input. If desired, the internal weak pullup or pulldown can be enabled to pull the signal to a
harmless state when the output buffer is in TRI-STATE mode.
18.2 Port Registers
Each port has a set of memory-mapped registers:
•
PxDIR—specifies whether the port is an input or output, except when using an alternate function.
When an alternate function is used, peripheral controls port direction.
•
PxDIN—indicates the states on the port pins.
•
PxDOUT—holds data driven on the port pins, when the port is configured as an output and no
alternate function is used. When an alternate function is used, the peripheral device controls the data
output. This register also specifies states which cause assertion of interrupts, when interrupts are
enabled (see PxIEN register).
•
PxIEN—enables an interrupt when the state on the port pin matches the state in PxDOUT register.
•
PxALT—enables the port alternate function.
•
PxALTS—selects between alternate functions (A and B)
•
PxWPU—enables a weak pullup or pulldown
•
PxPDR—selects the pullup/pulldown direction.
Table 18-1. Port Registers
NAME
ADDRESS
DESCRIPTION
PEDIR
FF C404h
Port E Direction Register
PEDIN
FF C408h
Port E Data Input Register
PEDOUT
FF C40Ch
Port E Data Output Register
PEIEN
FF C41Ch
Port E Interrupt Enable Register
PEALT
FF C400h
Port E Alternate Function Register
PEALTS
FF C418h
Port E Alternate Function Source Register
PEWPU
FF C410h
Port E Weak Pullup/Pulldown Enable Register
PEPDR
FF C420h
Port E Weak Pullup/Pulldown Direction Register
PFDIR
FF C804h
Port F Direction Register
PFDIN
FF C808h
Port F Data Input Register
PFDOUT
FF C80Ch
Port F Data Output Register
PFIEN
FF C81Ch
Port F Interrupt Enable Register
PFALT
FF C800h
Port F Alternate Function Register
PFALTS
FF C818h
Port F Alternate Function Source Register
PFWPU
FF C810h
Port F Weak Pullup/Pulldown Enable Register
PFPDR
FF C820h
Port F Weak Pullup/Pulldown Direction Register
PGDIR
FF 6404h
Port G Direction Register
PGDIN
FF 6408h
Port G Data Input Register
PGDOUT
FF 640Ch
Port G Data Output Register
PGIEN
FF 641Ch
Port G Interrupt Enable Register
PGALT
FF 6400h
Port G Alternate Function Register
PGALTS
FF 6418h
Port G Alternate Function Source Register
PGWPU
FF 6410h
Port G Weak Pullup/Pulldown Enable Register
PGPDR
FF 6420h
Port G Weak Pullup/Pulldown Direction Register
Copyright © 2013, Texas Instruments Incorporated
Input/Output Ports
111
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com