Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 112 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 112 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 108Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 112Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 113Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 18-1. Port Registers (continued)
NAME
ADDRESS
DESCRIPTION
PHDIR
FF CC04h
Port H Direction Register
PHDIN
FF CC08h
Port H Data Input Register
PHDOUT
FF CC0Ch
Port H Data Output Register
PHIEN
FF CC1Ch
Port H Interrupt Enable Register
PHALT
FF CC00h
Port H Alternate Function Register
PHALTS
FF CC18h
Port H Alternate Function Source Register
PHWPU
FF CC10h
Port H Weak Pullup/Pulldown Enable Register
PHPDR
FF CC20h
Port H Weak Pullup/Pulldown Direction Register
In the descriptions of the port registers, the lower-case letter “x” represents the port designation, either E,
F, G, or H. For example, “PxDIR register” means any one of the port direction registers: PEDIR, PFDIR,
PGDIR, or PHDIR.
All of the port registers are 16-bit read/write registers, except for the port data input registers, which are
read-only registers. Each register bit controls the function of the corresponding port pin. For example,
PGDIR.2 (bit 2 of the PGDIR register) controls the direction of port pin PG2.
18.2.1 Port Direction Register (PxDIR)
The PxDIR register selects whether the corresponding port pin is used for input or output. A reset
operation clears the port direction registers, which initializes the pins as inputs.
15
0M
PxDIR
PxDIR The Port Direction bits select the direction of the corresponding port pin.
0 – Input.
1 – Output.
18.2.2 Port Data Input Register (PxDIN)
The PxDIN register is a read-only register that returns the current state on each port pin. The CPU can
read this register at any time, even when the pin is configured as an output.
15
0M
PxDIN
PxDIN The Port Data In bits indicate the state on the corresponding port pin.
0 – Pin is low.
1 – Pin is high.
18.2.3 Port Data Output Register (PxDOUT)
The PxDOUT register holds the data to be driven on output port pins. When the pins are configured as
outputs and no alternate function is enabled, writing to this register changes the output value. Reading the
register returns the last value written to the register.
When an interrupt is enabled through the PxIEN register, the PxDOUT register specifies the signal level
which asserts the interrupt.
A warm reset (software reset or watchdog reset) leaves the register contents unchanged. At power-up, the
PxDOUT registers contain undefined data.
112
Input/Output Ports
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com