Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 40 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 40 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
RRIE0
The Reply Register 0 Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller on
DSP writes to the APBP_REP0 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RRIE1
The Reply Register 1 Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller on
DSP writes to the APBP_REP1 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
RRIE2
The Reply Register 2 Interrupt Enable bit asserts IRQ60 to the CPU interrupt controller on
DSP writes to the APBP_REP2 register.
0 – Interrupt disabled.
1 – Interrupt enabled.
MEMSEL
The Memory Select field selects the DSP memory space accessed by the CPU. Values other
than those listed below are reserved. 0000 – DSP data memory.
0001 – MMIO registers.
0101 – DSP program memory.
0110 – Expansion bus (16M EBIU region).
0111 – Expansion bus (240M EBIU region).
9.3.6
CPU/DSP Interface Status Register (PSTS)
The PSTS register is a 16-bit, read-only register that provides status bits for the CPU/DSP interface.
7
6
5
4
3
2
1
0
WFFI
RFNEI
RFFI
Reserved
PRST
WTIP
RTIP
15
14
13
12
11
10
9
8
RCOMIM2
RCOMIM1
RCOMIM0
RRI2
RRI1
RRI0
PSEMI
WFEI
RTIP
The Read Transfer in Progress bit indicates when a read transfer is in progress. A read
transfer can be terminated while it is in progress by writing 0 to the PCFG.RS bit.
0 – No transfer is in progress.
1 – A transfer is in progress.
WTIP
The Write Transfer In Progress bit indicates when a write transfer is in progress.
0 – No transfer is in progress.
1 – A transfer is in progress.
PRST
The Peripheral Reset Indicator bit is asserted from the start of DSP reset (PCFG.DSPR = 1)
until the reset has completed. When the bit goes clear, the MMIO registers have received
their reset values. The CPU must poll this bit before downloading software to the DSP.
0 – DSP is not in reset.
1 – DSP reset in progress.
RFFI
The Read FIFO Full Indicator bit is asserted when the read FIFO is full.
0 – FIFO is not full.
1 – FIFO is full.
RFNEI
The Read FIFO Not Empty Indicator bit is asserted when the read FIFO holds valid data.
0 – FIFO is empty.
1 – FIFO holds valid data.
WFFI
The Write FIFO Full Indicator bit is asserted when the write FIFO is full.
0 – FIFO is not full.
1 – FIFO is full.
40
DSP and Audio Peripherals
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com