Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 98 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 98 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The PLLs and the high-frequency oscillator may be disabled as controlled by register bits. The low-
frequency oscillator remains active. The Power Management Module (PMM) and the Timing and
Watchdog Module (TWM) continue to operate from the Slow Clock. The auxiliary clocks can be turned off
under software control before switching to a low-power mode, or they remain active as long as they have
an
active
clock
source
(Main
Clock,
PLL1
Clock,
or
PLL2
Clock,
as
selected
by
the
PMMCKCTL.FCLKSRC bit). Alternatively, generation of Main Clock and the PLL Clocks can be controlled
by the Bluetooth controller through the Hardware Clock Control function (described in Section 16.5), if
enabled.
16.4 Halt Mode
In Halt mode, all the device clocks, including the Main Clock, PLL1 Clock, PLL2 Clock, HCLK Clock, PCLK
Clock, and Slow Clock, are disabled. Halt mode is intended for applications in which an external wake-up
signal can be used to power-up the system through the RESET input or an MIWU input.
The high-frequency oscillator and PLLs are turned off. This is the only mode in which the low-frequency
oscillator may be disabled, however its circuitry is optimized to ensure lowest possible power
consumption. This mode allows the device to reach the absolute minimum power consumption without
losing its state (memory, registers, etc.).
16.5 Hardware Clock Control
The Hardware Clock Control (HCC) mechanism gives the Bluetooth Lower Link Controller (LLC) individual
control over the high-frequency oscillator and the PLLs. The Bluetooth LLC can enter a Sleep mode for a
specified number of low-frequency clock cycles. While the Bluetooth LLC is in Sleep mode and the
CP3SP33 is in Power Save or Idle mode, the HCC mechanism may be used to control whether the high-
frequency oscillator or PLLs are powered.
The PMMSTCTL.HCCM bit enables control by the Bluetooth LLC over the high-frequency oscillator, and
the PMMPLLnCTL2.HCCPLL bits enable control over the corresponding PLLs. If the HCCM bit is set, then
control is enabled over both the high-frequency oscillator and the PLLs, and the HCCPLL bits are ignored.
(The PLLs cannot be enabled while the high-frequency oscillator is disabled.)
Altogether, three mechanisms control whether the high-frequency oscillator is active, and four
mechanisms control whether the PLLs are active:
•
HCC bits—the HCC bits (PMMSTCTL.HCCM and PMMPLLnCTL2.HCCPLL) allow the Bluetooth LLC
to disable the high-frequency oscillator and PLLs during Power Save and Idle modes when the
Bluetooth LLC goes into Sleep mode. The HCC bits are automatically cleared when Active mode is
entered.
•
Disable bits—the disable bits (PMMSTCTL.DMC and PMMPLLnCTL2.DPLLC) force the high-
frequency oscillator and PLLs to be disabled when entering the Power Save and Idle modes. When
set, these bits override the HCC mechanism. The DMC and DPLLC bits are automatically cleared by a
hardware wake-up event.
•
Power Management Mode—Halt mode disables the high-frequency oscillator and PLLs, without regard
to any register bits. Active mode enables the high-frequency oscillator, again without regard to any bits.
Entering Active mode will restart any PLLs enabled to run.
•
PLL enable fields—The PMMPLLnCTL1.PLLEN fields enable the corresponding PLLs to run.
16.6 Switching Between Power Modes
Switching from a higher to a lower power consumption mode is performed by writing an appropriate value
to the Power Management Control Register (PMMSTCTL). Switching from a lower power consumption
mode to the Active mode is usually triggered by a hardware event. Figure 16-1 shows the four power
modes and the events that trigger a transition from one mode to another.
98
Power Management Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com