Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 81 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 81 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 82Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 83Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 84Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 85Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
For systems that do not require a reduced power consumption mode, the external crystal network may be
omitted for the low-frequency oscillator. In this case, Slow Clock is synthesized by dividing the Main Clock
by a prescaler factor. The prescaler consists of a 14-bit prescaler. This allows a choice of clock divisors
ranging from 1 to 8192 in increments of 1/2 Main Clock period. The resulting Slow Clock frequency must
not exceed 100 kHz.
A software-controlled multiplexer selects either the prescaled Main Clock or the 32.768 kHz oscillator as
the Slow Clock. At reset, the prescaled Main Clock is selected, ensuring that the Slow Clock is always
present initially. Selection of the 32.768 kHz oscillator as the Slow Clock source disables the clock
prescaler, and it may allow the high-frequency oscillator to be turned off in some low-power modes, for
minimum power consumption and radiated emissions. The high-frequency oscillator cannot be disabled
when the prescaler is selected as the source for Slow Clock.
An external clock may be driven on the X2CKI input. It must not exceed 1.8V.
14.4 PLL Clocks
The CP3SP33 has two identical PLLs for generating clocks. These are two purposes for providing PLL
clock generators:
•
Higher Frequency—the PLLs can generate clock frequencies up to 96 MHz using the 12 MHz Main
Clock as a reference. Frequencies above 12 MHz are needed to run the CPU and DSP at their
maximum speed. Also, the USB peripheral requires a 60 MHz clock.
•
Synchronization with External Devices—some devices (such as external codecs) require operation at a
precise frequency which is not an integer multiple of a standard CP3SP33 clock frequency. By
synchronizing a PLL with the external device, it can be interfaced directly without treating its I/O as
asynchronous signals.
After reset, the PLLs are powered down. Software can program and enable the PLLs to start them
running. Each PLL has a programmable start-up counter to indicate when the PLL has become stable. By
default, the start-up counter will indicate the PLL has become stable after 32K cycles of the PLL Clock.
To enable the PLL after reset or after PLL power down, perform the following sequence:
1. Set the divider ratios in the PMMPLLnMDIV, PMMPLLnNDIV, PMMPLLnNMOD, and PMMPLLnPDIV
registers to acceptable values for the desired output frequency. If the number of PLL cycles to allow for
stabilization should be different from the default value (32K cycles), set the PLL Startup Counter
register (PMMPLLnSTUP).
2. Power up the PLL by setting the PMMPLLnCTL1.PLLEN field to 01b.
3. Wait until the PMMPLLnCTL2.PLLCLKSTB bit has become set, which indicates the PLL is stable.
4. The PMMCKCTL.FCLKSRC field can then be loaded with 00b to select PLL1 Clock as the source for
the HCLK Clock. It can be loaded with 01b to select PLL2 Clock as the source. The switch only occurs
if the selected PLL is stable. To switch from PLL1 Clock to PLL2 Clock, Main Clock must be selected
as the clock source during an intermediate step (direct switching between the two PLL Clocks is not
allowed).
If any of the divisors (PMMPLLnMDIV, PMMPLLnNDIV, PMMPLLnNMOD, and PMMPLLnPDIV) are to
be changed, the HCLK Clock source must be switched to Main Clock (if the PLL was driving HCLK
Clock), and the PLL must be powered down (for example, by clearing the PMMPLLnCTL1.PLLEN
field). Then, the procedure above may be performed to restart the PLL after loading new values in the
registers.
14.4.1 PLL Programming
The
PLLs
have
the
structure
shown
in
Figure
14-4.
The
PMMPLLnMDIV,
PMMPLLnNDIV,
PMMPLLnNMOD, and PMMPLLnPDIV registers specify the M, N, and P divisors which control the
operation of the PLL. The N divisor has an integer part specified in the PMMPLLnNDIV register and a
fractional part specified in the PMMPLLnNMOD register.
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
81
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com