Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 52 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 52 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
10.5 Usage Notes
The EBIU registers must be programmed in the following sequence:
1. SCSLRn
2. SMSKRn
3. SMTMGR_SETn
4. FLASH_TRPDR
5. SMCTRL
11 System Configuration
11.1 Operating Environment
The operating environment controls the reset vector (boot address). In ERE16 mode, the vector is 0040
0000h. In ERE32 mode, the vector is 0080 0000h.
The operating mode of the device is controlled by the states sampled from the ENV[1:0] pins at reset, as
shown in Table 11-1. Internal pullups on the ENV[1:0] pins select ERE16 mode if these pins are allowed
to float.
Table 11-1. Operating Environment Selection
ENV[1:0]
OPERATING ENVIRONMENT
11
ERE16 mode (boot from 0040 0000h)
10
ERE32 mode (boot from 0080 0000h)
11.2 Freeze Mode
For debugging purposes, a Freeze mode is available which has the following effects:
•
Disables maskable interrupts.
•
Suspends DMA transactions.
•
Inhibits certain state changes in the following modules (see individual module descriptions for details):
Advanced Audio Interface, A/D Converter, Codec, CVSD/ PCM Converters, Multi-Function Timers,
Timing and Watchdog Module, and Versatile Timer Units.
•
Inhibits automatic clear-on-read function applied to the register bits listed in Table 11-2.
Table 11-2. Register Bits Affected By Freeze Mode
MODULE
REGISTERS
BITS
ACCESS.bus
ACBnST
SDAST
ADC_DONE, ADC_OFLW,
A/D Converter
ADCRESLT
SIGN, ADC_RESULT
ARSCR
RXO, RXE, RXF, RXAF
Advanced Audio Interface (AAI)
ATSCR
TXU, TXF, TXE, TXAE
Codec
TCDCADCn
ADCDATA
CVSD/PCM Converter
CVSTATn
PCMINT, CVE, CVF
Microwire/SPI
MWnDAT
RBF
Timing and Watchdog Module
T0CSR
TC
URBUFn
URBF
USART0, UART 1, 2, 3
USTATn
UPE, UFE, UDOE, UBKD
52
System Configuration
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com