Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
•
Allow any differential channel pair to be selected at one time. The A/D Converter performs the specific
differential conversion requested and stops.
In both single-ended and differential modes, there is the capability to connect the analog multiplexer
output and A/D converter input to external pins. This provides the ability to externally connect a common
filter/signal conditioning circuit for the A/D Converter.
3.14 Quad UART
Four UART modules support a wide range of programmable baud rates and data formats, parity
generation, and several error detection schemes. The baud rate is generated on-chip, under software
control. All UART modules support DMA and hardware flow control. One module has USART capability
(synchronous mode). The maximum speed is 3.072 Mbaud in either synchronous or asynchronous mode.
The UARTs offer a wake-up condition from the low-power modes using the Multi-Input Wake-Up module.
3.15 Microwire/SPI
The two Microwire/SPI (MWSPI) interface modules support synchronous serial communications with other
devices that conform to Microwire or Serial Peripheral Interface (SPI) specifications. It supports 8-bit and
16-bit data transfers. The maximum bus clock frequency is 12 MHz.
The Microwire interfaces allows several devices to communicate over a single system consisting of four
wires: serial in, serial out, shift clock, and slave enable. At any given time, the Microwire interfaces operate
as a master or a slave. The Microwire interfaces supports the full set of slave select for multi-slave
implementation.
In master mode, the shift clock is generated on-chip under software control. In slave mode, a wake-up out
of a low-power mode may be triggered using the Multi-Input WakeUp module.
3.16 Dual ACCESS.BUS Interface
The two ACCESS.bus (ACB) interface modules support a two-wire serial interface compatible with the
ACCESS.bus physical layer. It is also compatible with Intel’s System Management Bus (SMBus) and
Philips’ I2C bus. The ACB modules can be configured as a bus master or slave, and they can maintain
bidirectional communications with both multiple master and slave devices. The maximum bus clock
frequency is 400 kHz (Fast-mode).
The ACCESS.bus receivers can trigger a wake-up condition out of the low-power modes through the
Multi-Input Wake-Up module.
3.17 Dual Multi-Function Timer
The two Multi-Function Timer (MFT) modules each contain a pair of 16-bit timer/counter registers. Each
timer/counter unit can be configured to operate in any of the following modes:
•
Processor-Independent Pulse Width Modulation (PWM) mode: Generates pulses of a specified width
and duty cycle and provides a general-purpose timer/ counter.
•
Dual Input Capture mode: Measures the elapsed time between occurrences of external event and
provides a general-purpose timer/counter.
•
Dual Independent Timer mode: Generates system timing signals or counts occurrences of external
events.
•
Single Input Capture and Single Timer mode: Provides one external event counter and one system
timer.
10
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com