Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
The 32K bytes of CPU RAM are used for temporary storage of data and for the program stack and
interrupt stack. Read and write operations can be byte-wide or word-wide, depending on the instruction
executed by the CPU.
3.6
Bluetooth LLC
The integrated hardware Bluetooth Lower Link Controller (LLC) complies to the Bluetooth Specification
Version 1.2 and integrates the following functions:
•
7K-byte dedicated Bluetooth data RAM
•
1K-byte dedicated Bluetooth sequencer RAM
•
Support of all Bluetooth 1.2 packet types and extended Synchronous Connection-Oriented (eSCO)
links
•
Support for fast frequency hopping of 1600 hops/s
•
Access code correlation and slot timing recovery circuit
•
Power Management Control Logic
•
BlueRF-compatible interface (mode 2/3) to connect with National’s LMX5252 and other RF transceiver
chips
3.7
USB
The full-speed Universal Serial Bus (USB) node and host controller is compatible with USB Specification
2.0 and USB On-The-Go. It integrates the required USB transceiver, the Serial Interface Engine (SIE), and
USB endpoint FIFOs. A total of seven endpoint pipes are supported: one bidirectional pipe for the
mandatory control EP0 and an additional six pipes for unidirectional endpoints to support USB interrupt,
bulk, and isochronous data transfers.
The on-chip USB transceiver features an integrated pullup resistor on the D+ line to UVCC. This pullup
resistor can be switched in or out by the USB VBUS sense input (VBUS), which eliminates the need for
external components.
3.8
CAN Interface
The two CAN modules support Full CAN 2.0B class, CAN serial bus interfaces for applications that require
a highspeed (up to 1 Mbits per second) or a low-speed interface with CAN bus master capability. The data
transfer between CAN and the CPU is established by 15 memory-mapped message buffers, which can be
individually configured as receive or transmit buffers. An incoming message is filtered by two masks, one
for the first 14 message buffers and another one for the 15th message buffer to provide a basic CAN path.
A priority decoder allows any buffer to have the highest or lowest transmit priority. Remote transmission
requests can be processed automatically by automatic reconfiguration to a receiver after transmission or
by automated transmit scheduling upon reception. In addition, a 16-bit time stamp counter supports real-
time applications.
The CAN modules allow single-cycle byte or word read/ write access. A set of diagnostic features (such as
loopback, listen only, and error identification) support the development with the CAN modules and provide
a sophisticated error management tool.
The CAN receivers can trigger a wake-up condition out of low-power modes through the Multi-Input Wake-
Up unit.
8
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com