Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 35 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 35 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 32Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 33Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
9.2.1
DSP Reset
There are two reset bits for the DSP:
•
ADMAC.DSPRSTN—this bit in the CPU/DSP interface asserts a reset signal that is external to the
DSP module.
•
PCFG.DSPR—this bit within the DSP module can be used to hold the DSP in reset.
The ADMAC.DSPRSTN bit is like a power-on reset, which should be used when complete reset of the
DSP is required. The DSP memories cannot be accessed while the ADMAC.DSPRSTN bit is clear (reset
asserted). The DSP clock (Auxiliary Clock 7) must be enabled for at least two cycles before the
ADMAC.DSPRSTN bit is set (reset deasserted). After deasserting reset, the PSTS.PRST bit can be polled
to determine when the DSP has completed its reset sequence.
The PCFG.DSPR bit can be used to hold the processor in reset while accessing the DSP block, for
example while downloading software to the DSP program memory. When asserted, it must be held for
eight DSP clock cycles before being deasserted.
9.2.2
Downloading to DSP Program Memory
The CPU interface can be used to download software to the DSP memories. After power-on-reset or other
system resets, the DSP will be held in reset with the DSP clock (Auxiliary Clock 7) enabled. The DSP
clock must be enabled during reset to properly reset the DSP.
1. Enable the clock to the DSP (if necessary).
2. Set the DSPR bit in the PCFG register. This will hold the DSP in reset.
3. Deassert the reset signal to the DSP module by setting the DSPRSTN bit in the ADMAC register. A
delay of at least two DSP clocks must be maintained between enabling the DSP clock and deasserting
the reset signal.
4. Poll the PRST bit in the PSTS register until a 1 to 0 transition is observed, which indicates that the
MMIO registers that control a DMA transfer have been reset.
5. Set up and perform the transfer.
6. Clear the DSPR bit in the PCFG register, which restarts the DSP.
9.2.3
Audio Subsystem Controller (ASC)
As shown in Figure 9-2, the ASC multiplexes the interrupt and DMA signals between the independent
interrupt and DMA controllers for the CPU and DSP. Peripherals capable of requesting interrupts from
both the CPU and DSP must have their selections programmed in the ASCINTSEL register, in addition to
having their requests enabled in the interrupt controllers. Peripherals capable of requesting DMA from
both the CPU and DSP must have their selections programmed in the ASCDMASELn registers, in addition
to having their requests enabled in the DMA controllers. By default after reset, all interrupt and DMA
requests are routed to the CPU interrupt and DMA controllers.
The DSP DMA controller provides eight DMA request inputs and eight DMA acknowledge outputs. For
each DSP DMA channel, a 5-bit field in the one of the ASCDDMASELn registers selects which of the 21
sources of DMA requests is serviced by that channel.
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
35
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com