Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 56 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 56 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
All DMA transfers are indirect mode, in which the data is read from the source into a DMAC buffer
register, then written from the buffer register to the destination.
Each DMAC channel has ten 32-bit control and status reg-isters. DMAC registers are named with the
suffix n, in which n is 0 to 15, representing the channel number.
If all of the channels are disabled (DMACNTn.CHEN = 0), the clock to the DMA module is disabled to
reduce power consumption.
12.1 DMA-Capable Peripherals
Table 12-1 shows the DMA-capable peripherals, which may be assigned to any of the 16 DMA channels
by programming the SRCRQ field of the DMACNTn registers. The SRCRQ field only selects the source of
the DMA request signal and the receiver for the DMA acknowledge signal. It is still necessary to set up the
address of the peripheral, the transfer direction, and other DMA channel control settings.
Table 12-1. DMA-Capable Peripherals
SRCRQ
PERIPHERAL
TRANSACTION
REGISTER
ASC CHANNEL
0
UART3
R
RXBUF3
0
1
UART3
W
TXBUF3
1
2
CVSD/PCM0
R
PCMOUT0
2
3
CVSD/PCM0
W
PCMIN0
3
4
CVSD/PCM1
R
PCMOUT1
4
5
CVSD/PCM1
W
PCMIN1
5
6
AAI Slot 0
R
ARDR0
6
7
AAI Slot 0
W
ATDR0
7
8
AAI Slot 1
R
ARDR1
8
9
AAI Slot 1
W
ATDR1
9
10
Codec ADC1
R
TCDCADC1
10
11
Codec ADC2
R
TCDCADC2
11
12
Codec DAC Left
W
TCDCLEFT
12
13
Codec DAC Right
W
TCDCRIGHT
13
14
I2S Left
R
I2SRXDATL
14
15
I2S Right
R
I2SRXDATR
15
16
I2S Left
W
I2STXDATL
16
17
I2S Right
W
I2STXDATR
17
18
MWSPI1
R
MWDAT
18
19
MWSPI1
W
MWDAT
19
20
ACCESS.bus 1
R/W
ACBSDA
20
21
USART0
R
RXBUF0
22
USART0
W
TXBUF0
23
UART1
R
RXBUF1
24
UART1
W
TXBUF1
25
UART2
R
RXBUF2
26
UART2
W
TXBUF2
27
CVSD/PCM0
R
CVSDOUT0
28
CVSD/PCM0
W
CVSDIN0
29
CVSD/PCM1
R
CVSDOUT1
30
CVSD/PCM1
W
CVSDIN1
31
AAI Slot 2
R
ARDR2
32
AAI Slot 2
W
ATDR2
56
CPU DMA Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com