Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 68 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 68 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 65Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 66Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 67Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
13 Interrupts
The Interrupt Control Unit (ICU) receives interrupt requests from internal and external sources and
generates interrupts to the CPU. The highest-priority interrupt is the NonMaskable Interrupt (NMI), which is
triggered by a falling edge received on the NMI input pin.
The maskable interrupts (IRQn) have a fixed, linear priority from IRQ0 through IRQ70, in which IRQ0 has
the lowest priority and IRQ70 has the highest priority. IRQ0 is not implemented, so IRQ1 is the lowest
priority maskable interrupt that may occur in normal operation.
13.1 Non-Maskable Interrupts
The Interrupt Control Unit (ICU) receives the external NMI input and generates the NMI signal driven to
the CPU. The NMI input is an asynchronous input with Schmitt trigger characteristics and an internal
synchronization circuit, therefore no external synchronizing circuit is needed. The NMI pin triggers an
exception on its falling edge.
13.1.1 Non-Maskable Interrupt Processing
At reset, NMI interrupts are disabled and must remain disabled until software initializes the interrupt table,
interrupt base register (INTBASE), and the interrupt mode. The external NMI interrupt is enabled by
setting the EXNMI.ENLCK bit and will remain enabled until a reset occurs. Alternatively, the external NMI
interrupt can be enabled by setting the EXNMI.EN bit and will remain enabled until an NMI interrupt or a
reset occurs.
13.2 Maskable Interrupts
The IRQn interrupt channels are level-sensitive. Any edge sensitivity must be implemented at the interrupt
source. The IRQ interrupts are enabled and disabled by the E and I bits in the PSR register. Both bits
must be set to enable maskable interrupts. The EI and DI instructions are used to set (enable) and clear
(disable) the E bit.
Each interrupt source can be individually enabled or disabled under software control through the IENR
register and also through interrupt enable bits in the peripherals that request the interrupts.
13.2.1 Maskable Interrupt Processing
The IVECT register holds the interrupt vector number of the enabled and pending interrupt with the
highest priority, mapped to the range 10h to 56h. IRQ0 is mapped to 10h, while IRQ70 is mapped to 56h.
The CPU performs an interrupt acknowledge bus cycle on receiving a maskable interrupt request from the
ICU. During the interrupt acknowledge cycle, a byte is read from address FF FE00h (the IVECT register).
The byte is used as an index into the Dispatch Table to determine the address of the interrupt handler.
Because IRQ0 is not connected to any interrupt source, the interrupt vector number 10h should not be
generated. However, an entry should be provided for this vector in the dispatch table that points to a
default interrupt handler. One possible condition in which this vector number may occur is deassertion of
an interrupt at its source before the interrupt controller generates an interrupt acknowledge cycle.
13.2.2 Maskable Interrupt Sources
Table 13-1 shows the interrupt sources assigned to the maskable interrupts.
Table 13-1. Maskable Interrupts Assignment
IRQn
DESCRIPTION
ASC CHANNEL
IRQ70
RTI (Timer 0)
IRQ69
Real-Time Clock
IRQ68
Bluetooth LLC 0
68
Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com