Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 65 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 65 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 62Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 65Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 66Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 67Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
7
6
5
4
3
2
1
0
Reserved
OT
DIR
TCS
DTO
EOVR
ETC
CHEN
15
14
13
12
11
10
9
8
WMODE
INCB
ADB
INCA
ADA
SWRQ
7
6
5
4
3
2
1
0
Reserved
OT
DIR
TCS
DTO
EOVR
ETC
CHEN
31
12M M11
0
Reserved
SRCRQ
CHEN
The Channel Enable bit must be set to enable any DMA operation on this channel. Writing a
1 to this bit starts a new DMA transfer even if it is currently a 1. If all DMACNTn.CHEN bits
are clear, the DMA clock is disabled to reduce power.
0 – Channel disabled.
1 – Channel enabled.
ETC
If the Enable Interrupt on Terminal Count bit is set, it enables an interrupt when the
DMASTAT.TC bit is set.
0 – Interrupt disabled.
1 – Interrupt enabled
EOVR
If the Enable Interrupt on OVR bit is set, it enables an interrupt when the DMASTAT.OVR bit
is set.
0 – Interrupt disabled.
1 – Interrupt enabled.
ETO
If the Enable Interrupt on Timeout bit is set, it enables an interrupt when the DMASTAT.TO
bit is set.
0 – Interrupt disabled.
1 – Interrupt enabled.
TCS
The Transfer Cycle Size bit specifies the number of bytes transferred in each DMA transfer
cycle. This bit will be overridden if the WMODE bit is set.
0 – Byte transfers (8 bits per cycle).
1 – Word transfers (16 bits per cycle).
DIR
The Transfer Direction bit specifies the direction of the transfer relative to Device A.
0 – Device A (addressed by the ADCAn register) is the source.
1 – Device A is the destination
OT
The Operation Type bit specifies the operation mode of the DMA controller.
0 – Single-buffer mode or double-buffer mode enabled.
1 – Auto-Initialize mode enabled.
SWRQ
The Software DMA Request bit is written with a 1 to initiate a software DMA request. Writing
a 0 to this bit deactivates the software DMA request. The SWRQ bit must only be written
when the peripheral DMA requests for the channel are disabled and the channel is inactive
(DMASTAT.CHAC = 0).
0 – Software DMA request is inactive.
1 – Software DMA request is active.
ADA
If the Device A Address Control bit is set, it enables updating the Device A address.
0 – ADCAn address unchanged.
1 – ADCAn address incremented or decremented, as controlled by the INCA field and
WMODE and TCS bits.
INCA
The Increment/Decrement ADCAn field together with the WMODE and TCS bits control the
step size for the Device A address increment/decrement.
Copyright © 2013, Texas Instruments Incorporated
CPU DMA Controller
65
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com