Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 41 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 41 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
WFEI
The Write FIFO Empty Indicator bit is asserted when the write FIFO is empty.
0 – FIFO is not empty.
1 – FIFO is empty.
PSEMI
The Peripheral Semaphore Access Indicator bit is set when a bit in the APBP_SEM register
has been set by the DSP and the corresponding bit in the PMASK register is clear.
0 – No unmasked semaphore bit is set.
1 – An unmasked semaphore bit is set.
PRI0
The Reply Register 0 Indicator bit is set when the DSP writes the APBP_REP0 register. The
RRI0 bit is cleared when the CPU reads the APBP_REP0 register.
0 – APBP_REP0 has not been written.
1 – APBP_REP0 was written but not read.
RRI1
The Reply Register 1 Indicator bit is set when the DSP writes the APBP_REP1 register. The
RRI1 bit is cleared when the CPU reads the APBP_REP1 register.
0 – APBP_REP1 has not been written.
1 – APBP_REP1 was written but not read.
RRI2
The Reply Register 2 Indicator bit is set when the DSP writes the APBP_REP2 register. The
RRI2 bit is cleared when the CPU reads the APBP_REP2 register.
0 – APBP_REP2 has not been written.
1 – APBP_REP2 was written but not read.
RCOMIM0
The Read Command Register 0 Indicator bit is set when the CPU writes the APBP_COM0
register. The RCOMIM0 bit is cleared when the DSP or CPU reads the APBP_COM0
register.
0 – APBP_COM0 has not been written.
1 – APBP_COM0 was written but not read.
RCOMIM1
The Read Command Register 1 Indicator bit is set when the CPU writes the APBP_COM1
register. The RCOMIM1 bit is cleared when the DSP or CPU reads the APBP_COM1
register.
0 – APBP_COM1 has not been written.
1 – APBP_COM1 was written but not read.
RCOMIM2
The Read Command Register 2 Indicator bit is set when the CPU writes the APBP_COM2
register. The RCOMIM2 bit is cleared when the DSP or CPU reads the APBP_COM2
register.
0 – APBP_COM2 has not been written.
1 – APBP_COM2 was written but not read.
9.3.7
CPU-to-DSP Semaphore Register (PSEM)
The PSEM register is a 16-bit, read/write register used by the CPU to assert an interrupt to the DSP. If a
bit in this register is set and the corresponding bit in the APBP_MASK register (only visible to the DSP) is
clear, the DSP is interrupted. After reset, this register is clear.
15
1
PSEM
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
41
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com