Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  CP3SP33SMS/NOPB Datasheet HTML 1Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 2Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 3Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
• Flexible I/O
– Multi-file C source editor, source debugger,
and project manager
– Up to 64 general-purpose I/O pins (shared
with on-chip peripheral I/O)
– Comprehensive, integrated, one-stop
technical support
– Programmable I/O pin characteristics: TRI-
STATE output, push-pull output, weak
• Bluetooth Protocol Stack
pullup/pulldown input, high impedance
– Applications can interface to the high-level
input, high-speed drive capability
protocols or directly to the low-level Host
– Schmitt triggers on general-purpose inputs
Controller Interface (HCI)
– Multi-Input Wake-Up (MIWU) capability…
– Transport layer support allows HCI
command-based interface over UART port
• Power Supply
– Baseband (Link Controller) hardware
– I/O port operation at 3.0–3.3V
minimizes the bandwidth demand on the
– Core logic operation at 1.8V
CPU
– On-chip power-on reset
– Link Manager (LM)
• Temperature Range
– Logical Link Control and Adaptation
– –40°C to +85°C (Industrial)
Protocol (L2CAP)
• Packages
– Service Discovery Protocol (SDP)
– FBGA-224, FBGA-144
– RFCOMM Serial Port Emulation Protocol
• Complete Development Environment
– All packet types, piconet, and scatternet
– Pre-integrated hardware and software
functionality
support for rapid prototyping and production
1.2
CP3SP33 Connectivity Processor Selection Guide
Speed
On-Chip
Maximum
External Data
General
Package
NSID
Temp. Range
(MHz)
RAM
External Memory
Bus Width
Purpose I/O
Type
CP3SP33SMS
96
–40°C to +85°C
32K
96M
32
64
FBGA-224
CP3SP33SMR
96
–40°C to +85°C
32K
8M
16
36
FBGA-144
2
Introduction
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com