Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 77 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 77 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
INTGPB2
The Interrupt Priority Group B bits specify the most significant bit for selecting one of four
interrupt priority groups.
0 – Interrupt belongs to group 0 or 1.
1 – Interrupt belongs to group 2 or 3.
13.6.19 Interrupt Debug Register (IDBG)
The IDBG register is a 32-bit, read-only register. Fields in this register indicate the interrupt number of the
highest priority currently asserted interrupt and the interrupt number returned to the CPU during the last
interrupt acknowledge cycle. (These may differ if a higher-priority interrupt is asserted after the interrupt
acknowledge cycle.) The register is initialized to 0000 0000h at reset.
31
16 15
8 7
0
Reserved
IRQVECT
INTVECT
INTVECT
The INTVECT field indicates the interrupt vector number of the highest priority currently
asserted interrupt.
IRQVECT
The IRQVECT field indicates the interrupt vector number returned to the CPU during the last
interrupt acknowledge cycle.
13.7 Usage Notes
The recommended initialization sequence is:
1. Initialize the INTBASE register of the CPU.
2. Prepare the interrupt routines of the relevant interrupts.
3. Set up the interrupt conditions in the peripherals.
4. Set the relevant bits in the interrupt enable/mask registers (IENRn).
5. Set the I bit in the PSR.
Clearing an interrupt request before it is serviced can cause a spurious interrupt, (i.e., the CPU detects an
interrupt not reflected by IVECT). Software must clear interrupt requests only after interrupts are disabled.
Clearing any of the interrupt enable bits should be performed while the I bit in the PSR register is clear.
14 Clock Generation
The clock circuitry includes oscillators for generating a 12MHz Main Clock and an optional 32.768-kHz
Slow Clock from external crystal networks. Alternatively, either clock may be replaced by an external clock
source.
Two identical PLLs are available to provide higher clock frequencies (up to 96 MHz) using Main Clock as
a reference frequency. The PLLs also may be used to synchronize with an external clock driven on the
I2S interface (I2SCLK).
Most of the functional blocks of the device operate from one of the global clocks generated by this
module:
•
Main Clock—12-MHz clock generated by an on-chip oscillator or received from an external clock
source.
•
PLL1 Clock—clock synthesized by PLL1 from Main Clock or the external I2SCLK clock input.
•
PLL2 Clock—clock synthesized by PLL2 from Main Clock or the external I2SCLK clock input.
•
HCLK Clock—clock used by the CPU and devices on the CPU core AHB bus. HCLK Clock is
generated by a prescaler from Main Clock, PLL1 Clock, or PLL2 Clock. Available prescale factors are
1 to 2048 in increments of 1/2 clock period. In Power Save mode, HCLK Clock is driven by Slow Clock.
•
PCLK Clock—clock used by devices on the peripheral APB bus. PCLK Clock is generated by a
prescaler from HCLK Clock. Available prescale factors are 1, 2, and 4.
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
77
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com