Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 23 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 23 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 25Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 26Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
5.6
Stacks
A stack is a last-in, first-out data structure for dynamic storage of data and addresses. A stack consists of
a block of memory used to hold the data and a pointer to the top of the stack. As more data is pushed
onto a stack, the stack grows downward in memory. The CR16CPlus supports two types of stacks: the
interrupt stack and program stacks.
5.6.1
Interrupt Stack
The processor uses the interrupt stack to save and restore the program state during the exception
handling. Hardware automatically pushes this data onto the interrupt stack before entering an exception
handler. When the exception handler returns, hardware restores the processor state with data popped
from the interrupt stack. The interrupt stack pointer is held in the ISP register.
5.6.2
Program Stack
The program stack is normally used by software to save and restore register values on subroutine entry
and exit, hold local and temporary variables, and hold parameters passed between the calling routine and
the subroutine. The only hardware mechanisms which operate on the program stack are the PUSH, POP,
and POPRET instructions.
5.6.3
User and Supervisor Stack Pointers
To support multitasking operating systems, support is provided for two program stack pointers: a user
stack pointer and a supervisor stack pointer. When the PSR.U bit is clear, the SP register is used for all
program stack operations. This is the default mode when the user/supervisor protection mechanism is not
used, and it is the supervisor mode when protection is used.
When the PSR.U bit is set, the processor is in user mode, and the USP register is used as the program
stack pointer. User mode can only be entered using the JUSR instruction, which performs a jump and sets
the PSR.U bit. User mode is exited when an exception is taken and re-entered when the exception
handler returns. In user mode, the LPRD instruction cannot be used to change the state of processor
registers (such as the PSR).
5.7
Instruction Set
Table 5-1 lists the operand specifiers for the instruction set, and Table 3 is a summary of all instructions.
For each instruction, the table shows the mnemonic and a brief description of the operation performed.
In the mnemonic column, the lower-case letter “i” is used to indicate the type of integer that the instruction
operates on, either “B” for byte or “W” for word. For example, the notation ADDi for the “add” instruction
means that there are two forms of this instruction, ADDB and ADDW, which operate on bytes and words,
respectively.
Similarly, the lower-case string “cond” is used to indicate the type of condition tested by the instruction.
For example, the notation Jcond represents a class of conditional jump instructions: JEQ for Jump on
Equal, JNE for Jump on Not Equal, etc. For detailed information on all instructions, see the CompactRISC
CR16C Programmer's Reference Manual.
Table 5-1. Key to Operand Specifiers
OPERAND SPECIFIER
DESCRIPTION
abs
Absolute address
disp
Displacement (numeric suffix indicates number of bits)
imm
Immediate operand (numeric suffix indicates number of bits)
Iposition
Bit position in memory
Rbase
Base register (relative mode)
Rdest
Destination register
Copyright © 2013, Texas Instruments Incorporated
CPU Architecture
23
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com