Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Most modules operate from clocks derived from Main Clock or a PLL clock. Modules on the CPU core
AHB bus operate from HCLK Clock, while modules on the peripheral APB buses operate from PCLK
Clock. PCLK Clock is generated by dividing HCLK Clock by 1, 2, or 4. Some peripheral modules may use
one of several auxiliary clocks, which also are derived from Main Clock or a PLL clock using 12-bit
programmable prescalers.
In Power-Save mode, HCLK Clock is driven by Slow Clock, which is typically a 32.768 kHz signal
generated from an external clock network or a prescaled Main Clock may be used to eliminate the 32.768
kHz crystal network, for the most cost-sensitive applications. In the most power-sensitive applications,
operation from an external 32.768 kHz crystal network allows the high-frequency oscillator and PLLs to be
shut down.
In addition, the Clock and Reset module generates the device reset by using reset input signals coming
from an external reset, the watchdog timer, or the SDI debugging interface. A power-on reset (POR) circuit
eliminates the need for an external RC network. The POR circuit generates an internal reset of sufficient
length if the power supply rise time specification is met.
3.24 DMA Controller
The Direct Memory Access Controller (DMAC) can speed up data transfer between memory and I/O
devices or between two regions of memory, as compared to data transfers performed directly by the CPU.
Cycle stealing allows the CPU and the DMAC to interleave access to the CPU core bus for greater
utilization of the available bandwidth. The following on-chip modules can assert a DMA request to the
DMA controller:
•
USART 0 (2 request channels)
•
UART 1/2/3 (6 request channels
•
Advanced Audio Interface (6 request channels)
•
CVSD/PCM Converter 0/1 (8 request channels)
•
Microwire/SPI 0/1 (4 request channels)
•
ACCESS.bus 0/1 (2 request channels)
•
Codec (4 request channels)
•
I2S Interface (4 request channels)
The DSP has its own DMA controller which can be configured to accept DMA requests from peripherals
on the shared audio peripheral APB bus.
3.25 Serial Debug Interface
The Serial Debug Interface module (SDI module) provides a JTAG-based serial link to an external
debugger, for example running on a PC. In addition, the SDI module integrates an on-chip debug module,
which allows the user to set up to eight hardware breakpoints on instruction execution and data transfer.
The SDI module can act as a CPU bus master to access all memory-mapped resources, such as RAM
and peripherals. Therefore it also allows for fast program code download using the JTAG interface.
3.26 Development Support
In addition to providing the features needed for the next generation of embedded Bluetooth products, the
CP3SP33 devices are backed up by the software resources that designers need for rapid product
development, including an operating system, Bluetooth protocol stack implementation, peripheral drivers,
reference designs, and an integrated development environment. Combined with National’s LMX5252
Bluetooth radio transceiver, the CP3SP33 devices provide a total Bluetooth system solution.
Texas Instruments offers a complete and industry-proven application development environment for
CP3SP33 applications, including the IAR Embedded Workbench, iSYSTEM winIDEA and iC3000 Active
Emulator, Bluetooth Development Board, Bluetooth Protocol Stack, and Application Software. See your
Texas Instruments sales representative for current information on availability and features of emulation
equipment and evaluation boards.
12
Device Overview
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com