Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 57 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 57 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 12-1. DMA-Capable Peripherals (continued)
SRCRQ
PERIPHERAL
TRANSACTION
REGISTER
ASC CHANNEL
33
MWSPI0
R
MWDAT
34
MWSPI0
W
MWDAT
35
ACCESS.bus 0
R/W
ACBSDA
The DMA request and DMA acknowledge signals for peripherals shared with the DSP DMA controller are
sent through the Audio Subsystem Controller (ASC), which multiplexes these signals between the CPU
DMA controller and the DSP DMA controller. In Table 12-1, the ASC channel number refers to the
multiplexer channel used to select the DMA controller that handles the DMA request and acknowledge
signals for that peripheral.
12.2 Transfer Types
The DMAC supports three transfer types:
•
Single Transfers—A single read cycle followed by a single write cycle.
•
Burst Transfers—A four-cycle burst read from memory followed by a four-cycle burst write to memory.
Software DMA requests (memory-to-memory block transfers) are always burst transfers.
•
Data Collection Transfers—A four-cycle burst read from memory followed by four single-cycle writes to
a peripheral, or four single-cycle reads from a peripheral followed by a four-cycle burst write to
memory.
Priority among DMA requests is linear for transfers of the same type (channel 0 has highest priority),
however burst transfers and data collection transfers have priority over single transfers.
During a single transfer, the transfer cycle size (number of bytes per cycle) is controlled by the WMODE
and TCS bits of the DMACNTn register, as shown in Table 12-2. During a burst, the transfer cycle size is
always 4 bytes.
Table 12-2. Transfer Cycle Size
TRANSFER CYCLE SIZE
WMODE
TCS
1 Byte
0
0
2 Bytes
0
1
4 Bytes
1
X
The transfer type is selected by the SWRQ and BBE bits in the DMACNTn register, as shown in
Table 12-3. Only channels 0 and 1 support data collection mode.
Table 12-3. DMA Transfer Types
TRANSFER TYPE
SWRQ
BBE
Single Cycle
0
0
Data Collection
0
1
Burst
1
X
Copyright © 2013, Texas Instruments Incorporated
CPU DMA Controller
57
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com