Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 33 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 33 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 29Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 30Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 32Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 33Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 34Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 35Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 36Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 407 page
background image
CPU Core AHB Bus (32-Bit)
Teak DSP AHB Bus (32-Bit)
Memory
Interface
Unit
Teak 16-Bit
Fixed-Point
DSP
24K Bytes
Data
RAM
DSP
Interrupt
Controller
24K Bytes
Program
RAM
X Y
Z
P
4K Bytes
Shared
RAM
External
Bus Interface
Unit
Peripheral
Bus
Controller
Shared Audio Peripheral APB Bus (32-Bit)
CPU Peripheral APB Bus (32-Bit)
Peripheral
Bus
Controller
UART 3
ACCESS
.bus 1
Microwire/
SPI 1
DS437
Telematics
Codec
Dual
CVSD/PCM
Converter
Advanced
Audio
Interface
I
2
S
Interface
CR16CPlus
CPU Core
with 4K Bytes
Instr. Cache
CPU
DMA
Controller
CPU
Interrupt
Controller
DSP
DMA
Controller
Audio
Subsystem
Controller
Interrupt Requests
DMA Requests
DMA Acknowledgements
CPU Host Interface
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 9-1. DSP and Audio Peripherals
Copyright © 2013, Texas Instruments Incorporated
DSP and Audio Peripherals
33
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com