Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 67 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 67 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 65Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 66Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 67Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 69Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
12.9.10 DMA Status Register n (DMASTATn)
The DMA status register is a 32-bit register that holds the status information for the DMA channel. This
register is cleared at reset. The reserved bits always return zero when read. The ERR, VLD, OVR, and TC
bits are sticky (once set by the occurrence of the specific condition, they remain set until explicitly cleared
by software). These bits can be cleared by writing 1 to their bit positions in the DMASTAT register to be
cleared. Writing 0 to these bits has no effect.
31
16 15
14
13
12
8 7
6
5
4
3
2
1
0
Reserved
Reserved
BLV
Reserved
BNE
ERR
VLD
CHAC
OVR
TC
TC
The Terminal Count bit indicates whether the transfer was completed by a terminal count
condition (BLTCn Register reached 0 and the PF bit was clear).
0 – Terminal count condition did not occur.
1 – Terminal count condition occurred.
OVR
The behavior of the Channel Overrun bit depends on the operation mode (single buffer,
double buffer, or auto-initialize) of the DMA channel.
In double-buffered mode (DMACNTn.OT = 0): The OVR bit is set when the present transfer
is completed (BLTCn = 0), but the parameters for the next transfer (address and block
length) are not valid (DMASTATn.VLD = 0).
In auto-initialize mode (DMACNTn.OT = 1): The OVR bit is set when the present transfer is
completed (BLTCn = 0), and the DMASTATn.TC bit is still set.
In single-buffer mode: Operates in the same way as double-buffer mode. In single-buffered
mode, the DMASTATn.VLD bit should always be clear, so it will also be set when the
DMASTATn.TC bit is set. Therefore, the OVR bit can be ignored in this mode.
CHAC
The Channel Active bit continuously indicates the active or inactive status of the channel, and
therefore, it is read-only. Data written to the CHAC bit is ignored.
0 – Channel inactive.
1 – Indicates that the channel is active (CHEN bit in the CNTLn register is 1 and BLTCn > 0)
VLD
The Transfer Parameters Valid bit indicates whether the transfer parameters for the next
block to be transferred are valid. Writing the BLTRn register automatically sets this bit. The
bit is cleared in the following cases:
● The present transfer is completed and the ADRAn, ADRBn, and BLTRn registers have
been loaded to the ADCAn, ADCBn, and BLTCn registers.
● Writing 1 to the VLD bit.
ERR
The Error bit indicates whether an error response has been detected during the last transfer.
This may occur because the address was invalid or an incremental access goes out of
bounds.
0 – Error condition did not occur.
1 – Error condition occurred.
BNE
The Buffer Not Empty bit indicates whether there is valid data in the burst buffer.
0 – Burst buffer is empty.
1 – Burst buffer holds valid data.
BLV
The Burst Buffer Level field indicates the number of valid bytes in the burst buffer.
TO
The Timeout bit indicates that a timeout event occurred (RQTCNTn reached its terminal
count). This bit is cleared every time the DMA request for this channel is asserted.
0 – No timeout occurred since this bit was last cleared.
1 – A timeout occurred.
Copyright © 2013, Texas Instruments Incorporated
CPU DMA Controller
67
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com