Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 2Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 3Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 407 page
background image
CPU Core AHB Bus (32-Bit)
12 MHz and 32 kHz
Oscillators
Dual PLL and Clock
Generator
Power-on-Reset
Serial
Debug
Interface
Protocol
Core
RF
Interface
Bluetooth Lower
Link Controller
7K Bytes
Data RAM
1K Bytes
Seq. RAM
CR16CPlus
CPU Core
with 4K Bytes
Instr. Cache
32K Bytes
Static
RAM
USB 2.0
On-The-Go
Nexus
Trace
Module
Teak DSP AHB Bus (32-Bit)
Memory
Interface
Unit
Teak 16-Bit
Fixed-Point
DSP
24K Bytes
Data
RAM
DMA
Controller
24K Bytes
Program
RAM
X Y
Z
P
External
Bus Interface
Unit
4K Bytes
Shared
RAM
Peripheral
Bus
Controller
Shared Audio Peripheral APB Bus (32-Bit)
CPU Peripheral APB Bus (32-Bit)
Peripheral
Bus
Controller
Interrupt
Control
Unit
Dual
Versatile
Timer Unit
Dual Multi-
Function
Timer
GPIO
Multi-Input
Wake-Up
Microwire/
SPI 0
USART 0
UART 1/2
ACCESS
.bus 0
UART 3
ACCESS
.bus 1
Microwire/
SPI 1
DS325
Telematics
Codec
Dual
CVSD/PCM
Converter
Advanced
Audio
Interface
I
2
S
Interface
Power
Management
Unit
Timing and
Watchdog
Unit
10-Channel
10-Bit A/D
Converter
10
DMA
Controller
Dual
CAN 2.0B
Controller
Real-Time
Clock
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
2
Description
The CP3SP33 connectivity processor combines high performance with the massive integration needed for
embedded Bluetooth applications. A powerful RISC core with 4Kbyte instruction cache and a Teak® DSP
coprocessor provides high computing bandwidth, DMA-driven hardware communications peripherals
provide high I/O bandwidth, and an external bus provides system expandability.
On-chip communications peripherals include: Bluetooth Lower Link Controller, Universal Serial Bus (2.0)
OTG node and host controller, dual CAN, dual Microwire/Plus/SPI, dual ACCESS.bus, quad UART, 10-bit
A/D converter, and telematics/audio codec. Additional on-chip peripherals include DMA controller, dual
CVSD/PCM conversion module, I2S and AAI digital audio bus interfaces, Timing and Watchdog Unit, dual
Versatile Timer Unit, dual Multi-Function Timer, and Multi-Input Wake-Up (MIWU) unit.
In addition to providing the features needed for the next generation of embedded Bluetooth products, the
CP3SP33 is backed up by the software resources that designers need for rapid time-to-market, including
an operating system, Bluetooth protocol stack implementation, peripheral drivers, reference designs, and
an integrated development environment. Combined with an external program memory and a Bluetooth
radio transceiver such as National’s LMX5252, the CP3SP33 provides a complete Bluetooth system
solution.
National Semiconductor offers a complete and industry proven application development environment for
CP3SP33 applications, including the IAR Embedded Workbench, iSYSTEM winIDEA and iC3000 Active
Emulator, Bluetooth Development Board, Bluetooth protocol stack, and application examples.
2.1
Block Diagram
6
Description
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com