Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 92 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 92 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
14.8.14 Auxiliary Clock n Prescaler Register (PMMAUXnPRSC)
The PMMAUXnPRSC registers are 16-bit read/write registers that hold the 12-bit clock divisors
(expressed in halfclocks) for the prescalers used to generate the corresponding Auxiliary Clocks from
Main Clock, PLL1 Clock, or PLL2 Clock (as selected by the PMMAUXnCTL.AUXCLKSRC field). The
registers are initialized to 00FFh at reset, except PMMAUX7PRSC which is initialized to 0001h.
15
12M M11
0
Reserved
HPACLK
HPACLK
The Half Periods Per Auxiliary Clock field specifies the number of half-clocks used for
generating the Auxiliary Clock. The clock source is divided by
((HPACLK + 1) ÷ 2) to obtain the auxiliary clock. Zero is an undefined value for this field.
15 Reset
There are five sources of reset:
•
Power-On Reset—on-chip power-on detector and timer.
•
External Reset—assertion of the RESET input.
•
Software Reset—enabled by writing special code sequences to the SWRESET register.
•
Timing and Watchdog Module (TWM)—overflow of the watchdog timer
•
SDI Reset—reset from the Serial Debug Interface (SDI)
15.1 Power-On Reset
The on-chip Power On Reset (POR) circuit generates a positive edge on the internal reset signal when
VCC rises above VTRIP (typically 1.38V). The VCC rise time from 0V to VTRIP must not exceed the
maximum tTRIP specification. After triggering the POR circuit, the rise time from VTRIP to a stable VCC must
not exceed the maximum tD specification. After reset has occurred, the POR is specified to rearm when
VCC falls below 400 mV (although it may rearm at a higher voltage, up to 600 mV), and it will be
retriggered when VCC again rises above VTRIP. There must be a delay of at least 950 µs before
retriggering the POR.
VCC ramp-up must reach its nominal level before or simultaneous with IOVCC ramp-up, otherwise spikes
may be driven on GPIO-capable pins.
15.2 Reset Input Timing
The CP3SP33 has specific timing requirements that must be met to prevent improper program behavior,
such as corruption of an external flash memory programming operation in progress when the reset is
received. This timing sequence shown in Figure 15-1.
All reset circuits must ensure that this timing sequence is always maintained during power-up and power-
down. The design of the power supply also affects how this sequence is implemented.
The power-up sequence is:
1. The RESET pin must be held low until both IOVCC and VCC have reached the minimum levels
specified in the DC Characteristics section. VCC must reach its nominal level at or before IOVCC.
2. After both of these supply voltage rails have met this condition, then the RESET pin may be driven
high. At power-up an internal 14-bit counter is set to 3FFFh and begins counting down to 0 after the
crystal oscillator becomes stable. When this counter reaches 0, the onchip RESET signal is driven high
unless the external RESET pin is still being held low. This prevents the CP3SP33 from coming out of
reset with an unstable clock source.
The power-down sequence is:
1. The RESET pin must be driven low as soon as either the IOVCC or VCC voltage rail reaches the
minimum levels specified in the DC Characteristics.
92
Reset
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com