Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 42 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 42 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 38Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 39Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 40Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 41Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 42Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 43Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
9.3.8
CPU Interrupt Mask Register (PMASK)
The PMASK register is a 16-bit, read/write register used by the CPU to mask interrupt requests from the
DSP. If the DSP sets a bit in the APBP_SEM register and the corresponding bit in the PMASK register is
clear, the CPU is interrupted. After reset, this register is clear.
15
1
PMASK
9.3.9
CPU-to-DSP Semaphore Clear Register (PCLEAR)
The PCLEAR register is a 16-bit, write-only register used by the CPU to clear interrupt requests from the
DSP. Writing 1 to bits in the PCLEAR register clears the corresponding bits in the APBP_SEM register.
15
1
PCLEAR
9.3.10 DSP-to-CPU Semaphore Register (APBP_SEM)
The APBP_SEM register is a 16-bit, read-only register which indicates interrupt requests from the DSP.
When the DSP sets a bit in this register while the corresponding bit in the PMASK register is clear, an
interrupt is asserted to the CPU. After reset, this register is clear.
15
1
APBP_SEM
9.3.11 CPU-to-DSP Command Register n (APBP_COMn)
The APBP_COMn registers are 16-bit registers that are read/write to the CPU and read-only to the DSP
(as MMIO registers). After reset, these registers are clear.
15
1
APBP_COMn
9.3.12 DSP-to-CPU Reply Register n (APBP_REPn)
The APBP_REPn registers are 16-bit registers that are read/write to the DSP (as MMIO registers) and
read-only to the CPU. After reset, these registers are clear.
15
1
APBP_REPn
9.3.13 ASC DMA Controller Select Register n (ASCDMASELn)
The ASCDMASELn registers are 16-bit, read/write registers that select between the CPU and DSP DMA
controllers for the ASC DMA channels (listed in Table 9-4). Bits 15:0 of ASCDMASEL0 correspond to ASC
DMA channels 15:0, and bits 4:0 of ASCDMASEL1 correspond to ASC DMA channels 20:16. Clear bits
select the CPU DMA controller, and set bits select the DSP DMA controller. After reset, these registers are
clear.
15
1
DCH15:0
42
DSP and Audio Peripherals
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com