Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 3Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 4Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 5Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 6Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 7Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 8Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 9Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 10Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
3
Device Overview
The CP3SP33 connectivity processor is an advanced microcomputer with system timing, interrupt logic,
instruction cache, data memory, and I/O ports included on-chip, making it well-suited to a wide range of
embedded applications. The Section 2.1 shows the major on-chip components of the CP3SP33.
3.1
CR16CPlus CPU Core
The CP3SP33 contains a CR16CPlus CPU core. This core improves upon the performance of previous
CP3000 devices by adding a 4-Kbyte instruction cache and doubling the CPU core data bus bandwidth.
The cache greatly reduces instruction-fetch bandwidth on the 32-bit system bus, which leaves more bus
bandwidth available for DMA-based I/O. The cache moves the average execution rate closer to the peak
rate of one instruction per clock cycle, especially when executing from off-chip program memory. The
DMA controller provides efficient sharing of the CPU core bus between the CPU and high-bandwidth
peripherals such as wired and wireless communication interfaces.
For information on the instruction set architecture, refer to the CR16C Programmer’s Reference Manual
(document number 424521772-101, which may be downloaded from Texas Instruments web site at
http://www.ti.com).
3.2
Teak DSP Core
The Teak 16-bit fixed-point DSP core is designed for lowpower, high-speed digital signal processing
applications, including acoustic echo cancellation, noise reduction, and MP3/WMA decoding. It features a
four-bus, dual-MAC, enhanced Harvard architecture. The DSP has 24K bytes of dedicated program RAM,
24K bytes of data RAM, and a 4K-byte RAM shared with the CPU. The DSP has a bus master interface to
the 4K-byte shared RAM and an external memory bus. It also has a bus master interface to a shared
audio peripheral bus. The DSP is slave on the CPU peripheral bus, for downloading software to the
program RAM.
The DSP has its own DMA controller for I/O and memory access.
3.3
AMBA Bus Architecture
The CPU and DSP core buses implement AMBA-compatible AHB high-performance 32-bit buses with
bursting and split transactions. The CPU peripheral bus and CPU/DSP shared audio peripheral bus
implement AMBA-compatible 32-bit APB buses. The CPU and DSP buses operate at independent rates
up to 96 MHz. The APB buses operate at a rate which is a factor of 1, 2, or 4 slower than the CPU AHB
bus.
3.4
External Bus Interface Unit
The External Bus Interface Unit (EBIU) provides programmable timing, memory type, base address, size,
and bus width (8, 16, or 32 bits) for three regions of up to 32M bytes. An 8-level write buffer releases the
bus master to continue execution without waiting for write cycles to complete.
3.5
Memory
The CP3SP33 devices support a uniform linear address space. Three types of on-chip memory occupy
specific regions within this address space, along with any external memory:
•
32K bytes of CPU RAM
•
4K bytes of CPU/DSP shared RAM
•
8K bytes of Bluetooth sequencer and data RAM
•
Up to 96M bytes of external memory
A non-volatile external program memory is used to store the application program, Bluetooth protocol stack,
and real-time operating system.
Copyright © 2013, Texas Instruments Incorporated
Device Overview
7
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com