Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 28 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 28 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 25Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 26Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 27Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 28Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 29Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 30Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 31Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 407 page
background image
Line 0
Entry 0
Entry 1
Entry 2
Entry 3
Line 1
Entry 4
Entry 5
Entry 6
Entry 7
.
.
.
.
.
.
.
.
.
.
.
.
.
.
.
Line 63
Entry 252
Entry 253
Entry 254
Entry 255
Way 0
Way 1
Way 2
Way 3
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 6-1. CP3SP33 Memory Map (continued)
START ADDRESS
END ADDRESS
SIZE IN BYTES
DESCRIPTION
00FF C400h
00FF C7FFh
1K
Port E
00FF C800h
00FF CBFFh
1K
Port F
00FF CC00h
00FF CFFFh
1K
Port H
00FF D000h
00FF EBFFh
7K
Reserved
00FF EC00h
00FF EFFFh
1K
Teak Access Port
00FF F000h
00FF F3FFh
1K
Reserved
00FF F400h
00FF F7FFh
1K
System Configuration
00FF F800h
00FF FBFFh
1K
Reserved
00FF FC00h
00FF FFFFh
1K
Interrupt Control Unit (registers start at 00FF FE00h)
0100 0000h
FFFF FFFFh
4G 16M
Available for External Bus Devices (data space only)
7
Instruction Cache
The CPU instruction cache has the following features:
•
4K bytes data memory
•
4-way set-associative organization
•
Critical word first, with wrapping cache entry fill
•
Pseudo Least Recently Used (PLRU) allocation policy
•
Cache locking support
•
Cache invalidation support
The instruction cache is enabled by setting the IC bit in the CFG register. At reset, the cache is disabled
by default. When caching is enabled, the instruction cache greatly accelerates program execution by
satisfying most instruction fetches. It also greatly reduces bus traffic to external memory, which increases
the bandwidth available for the DMA controllers and DSP.
The cache is organized as four ways of 64 entries each, as shown in Figure 7-1. Each entry holds 16 data
bytes (8 instructions).
Figure 7-1. CPU Instruction Cache Organization
Each entry consists of:
•
Valid Bit—Indicates whether the entry holds valid data. The valid bit is cleared when the cache is
disabled, when the CINV [i] instruction is executed, and at reset. The valid bit is set when the entry is
loaded.
•
Address Tag—Holds address bits 31:10 associated with the entry. The address tag is loaded when a
cache entry is allocated on a cache miss.
•
Data—Eight bytes of data. The data is passed to the CPU on a cache hit, and it is loaded when a
cache entry is allocated on a cache miss.
28
Instruction Cache
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com