Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 11Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 12Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 13Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 14Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 15Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 16Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 17Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 18Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Table 4-1. CP3SP33 Signal Descriptions (continued)
ALTERNATE
NAME
PINS
I/O
PRIMARY FUNCTION
I/O
ALTERNATE FUNCTION
NAME
D+
1
I/O
USB D+ Upstream Port
None
None
None
D–
1
I/O
USB D– Upstream Port
None
None
None
ADC0
1
Input
ADC Input Channel 0
None
None
None
ADC1
1
Input
ADC Input Channel 1
None
None
None
ADC2
1/0
Input
ADC Input Channel 2
None
None
None
ADC3
1/0
Input
ADC Input Channel 3
None
None
None
ADC4
1/0
Input
ADC Input Channel 4
MUXOUT0
Output
Analog Multiplexer Output 0
ADC5
1/0
Input
ADC Input Channel 5
MUXOUT1
Output
Analog Multiplexer Output 1
ADC6
1/0
Input
ADC Input Channel 6
None
None
None
ADC7
1/0
Input
ADC Input Channel 7
ADCIN
Input
ADC Input (in MUX mode)
ADC8
1/0
Input
ADC Input Channel 8
None
None
None
ADC9
1/0
Input
ADC Input Channel 9
None
None
None
VREF
1/0
Input
ADC Voltage Reference
None
None
None
Codec ADC1 External Filter Capacitor Pin
TCVBUF1
1
Input
None
None
None
(1.5V)
Codec ADC2 External Filter Capacitor Pin
TCVBUF2
1
Input
None
None
None
(1.5V)
Codec ADC1 External Filter Capacitor Pin
TCVCM1
1
Input
None
None
None
(0.9V)
Codec ADC2 External Filter Capacitor Pin
TCVCM2
1
Input
None
None
None
(0.9V)
Codec ADC1/ADC2 1.5V Reference
TCVRFP
1
Output
(buffered version to provide microphone
None
None
None
bias)
Codec ADC1/ADC2 Reference Ground
TCVRFN
1
Input
None
None
None
(connect to 0V)
TCMIC1P
1
Input
Codec Microphone 1 Input (+)
None
None
None
TCMIC1N
1
Input
Codec Microphone 1 Input (–)
None
None
None
TCMIC2P
1
Input
Codec Microphone 2 Input (+)
None
None
None
TCMIC2N
1
Input
Codec Microphone 2 Input (–)
None
None
None
TCRP
1
Output
Codec Right Channel Output (+)
None
None
None
TCRN
1
Output
Codec Right Channel Output (–)
None
None
None
TCLP
1
Output
Codec Left Channel Output (+)
None
None
None
TCLN
1
Output
Codec Left Channel Output (–)
None
None
None
SCL1
1
I/O
ACCESS.bus 1 Clock
None
None
None
SDA1
1
I/O
ACCESS.bus 1 Serial Data
None
None
None
RXD0
Input
UART 0 Receive Data Input
PE0
1
I/O
Generic I/O
TIO0_1
I/O
Versatile Timer Unit 0 Input 1
PE1
1
I/O
Generic I/O
TXD0
Output
UART 0 Transmit Data Output
RTS0
Output
UART 0 Ready-To-Send Output
PE2
1
I/O
Generic I/O
TIO0_3
I/O
Versatile Timer Unit 0 Input 3
PE3
1
I/O
Generic I/O
CTS0
Input
UART 0 Clear-To-Send Input
CKX0
I/O
UART 0 Clock Input
PE4
1/0
I/O
Generic I/O
TIO0_2
I/O
Versatile Timer Unit 0 Input 2
TA0
I/O
Multi-Function Timer 0 Port A
PE5
1
I/O
Generic I/O
NMI
Input
Non-Maskable Interrupt
PE6
1
I/O
Generic I/O
CAN1RX
Input
CAN 1 Receive Input
PE7
1
I/O
Generic I/O
CAN1TX
Output
CAN 1 Transmit Output
PE8
1
I/O
Generic I/O
MSK0
I/O
Microwire/SPI 0 Shift Clock
Copyright © 2013, Texas Instruments Incorporated
Signal Descriptions
15
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com