Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 48 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 48 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 44Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 45Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 46Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 47Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 48Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 407 page
background image
XBEn
System
Clock
DS429
XAn
XWE
XDn (in)
Address A
tBTA
Data B
XOE
tBTA
XDn (out)
Data A
XCSn
Address B
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 10-4. Bus Turnaround Timing
10.4 EBIU Registers
For all registers, the contents should only be changed once, in the initialization routine after reset.
The EBIU has two global control registers, two registers specific to each chip select, and 3 registers for
defining 3 sets of timing parameters. Any of the chip selects may use any of the timing parameters.
Table 10-3. Bus Control Registers
NAME
ADDRESS
DESCRIPTION
SMCTLR
FF 00A4h
Static Memory Control Register
SCSLR0
FF 0014h
Chip Select Register 0
SMSKR0
FF 0054h
Mask Register 0
SCSLR1
FF 0018h
Chip Select Register 1
SMSKR1
FF 0058h
Mask Register 1
SCSLR2
FF 001Ch
Chip Select Register 2
SMSKR2
FF 005Ch
Mask Register 2
SMTMGR_SET0
FF 0094h
Static Memory Timing Register 0
SMTMGR_SET1
FF 0098h
Static Memory Timing Register 1
SMTMGR_SET2
FF 009Ch
Static Memory Timing Register 2
FLASH_TRPDR
FF 00A0h
Flash tRPD Timing Register
48
External Bus Interface Unit
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com