Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 96 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 96 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 96Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
16 Power Management Module
The Power Management Module (PMM) improves the efficiency of the CP3SP33 by changing the
operating mode (and therefore the power consumption) according to the required level of device activity.
The device implements four power modes:
•
Active Mode—CPU and core bus peripherals operate from HCLK Clock, which is generated by a
prescaler from Main Clock, PLL1 Clock, or PLL2 Clock. Either PLL may be powered down if its output
is not used to gene ate HCLK Clock or any Auxiliary Clock.
•
Power-Save Mode—CPU and core bus peripherals operate from Slow Clock. Any of the PLLs and
high-frequency oscillator may be powered down, if its output is not used to generate Slow Clock or any
Auxiliary Clock.
•
Idle Mode—CPU and most or all peripherals are powered down. A watchdog timeout (from a timer
running on Slow Clock), external reset, or MIWU input can break out of this mode.
•
Halt Mode—only an external reset or MIWU input can break out of this mode.
Table 16-1 summarizes the differences between power modes: the state of the high-frequency oscillator
(on or off), PLLs, HCLK Clock source (clock used by CPU and core bus peripherals), and clock source
used by the Timing and Watchdog Module (TWM).
Table 16-1. Power Mode Operating Summary
MODE
HIGH-FREQUENCY OSCILLATOR
PLLs
HCLK CLOCK SOURCE
TWM CLOCK SOURCE
Active
On
On or Off
Prescaler
Slow Clock
Power Save
On or Off
On or Off
Slow Clock
Slow Clock
Idle
On or Off
On or Off
None
Slow Clock
Halt
Off
Off
None
None
The low-frequency oscillator continues to operate in all four modes and power must be provided
continuously to the device power supply pins. In Halt mode, however, Slow Clock does not toggle, and as
a result, the Timing and Watchdog Module does not operate. For the Power Save and Idle modes, the
high-frequency oscillator can be turned on or off under software control, if the low-frequency oscillator is
used to drive Slow Clock.
Software can configure either PLL to be powered down in Active, Power Save, and Idle mode, as long as
it is not driving HCLK Clock or an Auxiliary Clock generator.
Table 16-2 shows the clock sources used by the CP3SP33 device modules and their behavior in each
power mode.
Table 16-2. Module Activity Summary
POWER MODE
MODULE
CLOCK SOURCE(s)
ACTIVE
POWER SAVE
IDLE
HALT
CPU
On
On/Off
Off
Off
HCLK Clock
MIWU
On
On
On
Active
PCLK Clock
PMM
On
On
On
Active
Slow Clock
TWM
On
On
On
Off
Slow Clock
Bluetooth
On/Off
On/Off
On/Off
Off
Aux Clk 1
A/D Converter
On/Off
On/Off
On/Off
Off(1)
Aux Clk 1, PCLK Clock
CVSD/PCM 0
On/Off
On/Off
On/Off
Off
Aux Clk 2
CVSD/PCM 1
On/Off
On/Off
On/Off
Off
Aux Clk 3
Codec
On/Off
On/Off
On/Off
Off
Aux Clk 1, Aux Clk 4, PCLK Clock, PLL1 Clk, PLL2
Clk, I2SCLK, AAI SCK, TCIO1
(1)
The Analog/Digital Converter (ADC) module is not automatically disabled by entering Halt mode, however its clock is stopped so no
conversions may be performed in Halt mode. For maximum power savings, software must disable the ADC module before entering Halt
mode.
96
Power Management Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com