Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 91 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 91 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 87Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 94Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
NMOD
The N Mod field specifies the fractional part of the N divisor. See Section 14.4.1 PLL
Programming for more information.
NMOD_DITH
The N Mod Dithering field specifies the level of dithering to be applied to the PLL Clock
to suppress tone artifacts that may occur in some audio applications. The default level
is sufficient for a wide range of applications.
00 – Medium (default).
01 – Low.
10 – High.
11 – No dithering.
14.8.11 PLLn P Divider Register (PMMPLLnPDIV)
The PMMPLLnPDIV registers are byte-wide, read/write registers that hold the 8-bit P divisor for the
corresponding PLL. The register is initialized to 00h at reset.
7
0
PDIV
PDIV
The P Divisor field specifies an integer divisor. See Section 14.4.1 PLL Programming for more
information.
14.8.12 PLLn Start-Up Counter Register (PMMPLLnSTUP)
The PMMPLLnSTUP registers are 16-bit, read/write registers that specify a 10-bit integer number of clock
periods that must occur before the corresponding PLL Clock is considered stable. The PLL Clock output is
not driven unless the PLL is stable and the PMMPLLnCTL1.PLLDCOE bit is set. The registers are
initialized to 007Fh at reset.
15
10M M9
0
Reserved
CLKCNT
CLKCNT The CLKCNT field specifies the number of PLL Clock cycles which must occur before the PLL
is considered stable. The number of cycles is (256 × (CLKCNT + 1)), therefore the default is
32,768 cycles.
14.8.13 Auxiliary Clock n Control Register (PMMAUXnCTL)
The PMMAUXnCTL registers are byte-wide, read/write registers that control the Auxiliary Clock
generators. The registers are initialized to 06h at reset, except PMMAUX7CTL which is initialized to 07h.
7
3 2
1
0
Reserved
AUXCLKSRC
AUXCLKEN
AUXCLKEN
The Auxiliary Clock Enable bit enables the corresponding Auxiliary Clock output.
0 – PLL Clock output disabled.
1 – PLL Clock is enabled when stable.
AUXCLKSRC
The Auxiliary Clock Source field selects the input clock source for the corresponding
Auxiliary Clock generator. When switching from one PLL to another, there must be an
intermediate step in which Main Clock is selected.
00 – PLL1 Clock.
01 – PLL2 Clock.
10 – Reserved.
11 – Main Clock.
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
91
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com