Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 53 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 53 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 49Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 50Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 51Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 52Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 53Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 54Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Freeze mode can be entered by setting the FREEZE bit in the MCFG register or using a mechanism
enabled through the Serial Debug Interface (SDI). Freeze mode does not directly affect the DSP
subsystem.
NOTE
Debugging tools may assert Freeze mode to gather information, which may cause periodic
fluctuations in response (bus availability, interrupt latency, etc.). Anomalous behavior often
may be traced to the activity of these tools.
11.3 System Configuration Registers
The system configuration registers control and provide status for certain aspects of device setup and
operation, such as indicating the states sampled from the ENV[1:0] inputs. The system configuration
registers are listed in Table 11-3.
Table 11-3. System Configuration Registers
NAME
ADDRESS
DESCRIPTION
MCFG
FF F400h
Module Configuration Register
MSTAT
FF F404h
Module Status Register
SWRESET
FF F408h
Software Reset Register
SYSCFG
FF F40Ch
System Configuration Register
11.4 Module Configuration Register (MCFG)
The MCFG register is a byte-wide, read/write register that selects the clock output features of the device
and enables Freeze mode. The MCFG register format is shown below. At reset, the MCFG register is
initialized to 00h.
7
6
5
4
3
2
1
0
Reserved
FREEZE
Reserved
ENV1SEL
ENV0SEL
ENV1OE
ENV0OE
ENV0OE
The ENV0 Output Enable bit enables driving an internal clock signal selected by the
ENV0SEL bit on the ENV0 pin. If no signal is driven on the ENV0 pin, it will be undriven
(high impedance) after reset.
0 – ENV0 is undriven after reset.
1 – ENV0 is driven by an internal clock signal.
ENV1OE
The ENV1 Output Enable bit enables driving an internal clock signal selected by the
ENV1SEL bit on the ENV1 pin. If no signal is driven on the ENV1 pin, it will be undriven
(high impedance) after reset.
0 – ENV1 is undriven after reset.
1 – ENV1 is driven by an internal clock signal.
ENV0SEL
The ENV0 Select bit selects an internal clock signal to be available for driving on the ENV0
pin. The ENV0OE bit must be set to enable driving the selected signal on the ENV0 pin.
0 – Slow Clock is available to drive on ENV0.
1 – PLL1 Clock is available to drive on ENV0.
ENV1SEL
The ENV1 Select bit selects an internal clock signal to be available for driving on the ENV1
pin. The ENV1OE bit must be set to enable driving the selected signal on the ENV1 pin.
0 – Main Clock is available to drive on ENV1.
1 – PLL2 Clock is available to drive on ENV1.
Copyright © 2013, Texas Instruments Incorporated
System Configuration
53
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com