Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 24 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 24 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 20Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 21Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 22Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 23Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 24Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 25Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 26Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 27Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 5-1. Key to Operand Specifiers (continued)
OPERAND SPECIFIER
DESCRIPTION
Rindex
Index register
RPbase, RPbasex
Base register pair (relative mode)
RPdest
Destination register pair
RPlink
Link register pair
Rposition
Bit position in register
Rproc
16-bit processor register
Rprocd
32-bit processor register
RPsrc
Source register pair
RPtarget
Target register pair
Rsrc, Rsrc1, Rsrc2
Source register
Table 5-2. Instruction Set Summary
MNEMONIC
OPERANDS
DESCRIPTION
MOVi
Rsrc/imm, Rdest
Move
MOVXB
Rsrc, Rdest
Move with sign extension
MOVZB
Rsrc, Rdest
Move with zero extension
MOVXW
Rsrc, RPdest
Move with sign extension
MOVZW
Rsrc, RPdest
Move with zero extension
MOVD
imm, RPdest
Move immediate to register-pair
RPsrc, RPdest
Move between register-pairs
ADD[U]i
Rsrc/imm, Rdest
Add
ADDCi
Rsrc/imm, Rdest
Add with carry
ADDD
RPsrc/imm, RPdest
Add with RP or immediate.
MACQWa
Rsrc1, Rsrc2, RPdest
Multiply signed Q15: M RPdest := RPdest + (Rsrc1 × Rsrc2)
MACSWa
Rsrc1, Rsrc2, RPdest
Multiply signed and add result: M RPdest := RPdest + (Rsrc1 × Rsrc2)
MACUWa
Rsrc1, Rsrc2, RPdest
Multiply unsigned and add result: M RPdest := RPdest + (Rsrc1 × Rsrc2)
MULi
Rsrc/imm, Rdest
Multiply: Rdest(8) := Rdest(8) × Rsrc(8)/imm
Rdest(16) := Rdest(16) × Rsrc(16)/imm
MULSB
Rsrc, Rdest
Multiply: Rdest(16) := Rdest(8) × Rsrc(8)
MULSW
Rsrc, RPdest
Multiply: RPdest := RPdest(16) × Rsrc(16)
MULUW
Rsrc, RPdest
Multiply: RPdest := RPdest(16) × Rsrc(16);
SUBi
Rsrc/imm, Rdest
Subtract: (Rdest := Rdest Rsrc/imm)
SUBD
RPsrc/imm, RPdest
Subtract: (RPdest := RPdest RPsrc/imm)
SUBCi
Rsrc/imm, Rdest
Subtract with carry: (Rdest := Rdest Rsrc/imm)
CMPi
Rsrc/imm, Rdest
Compare Rdest Rsrc/imm
CMPD
RPsrc/imm, RPdest
Compare RPdest RPsrc/imm
BEQ0i
Rsrc, disp
Compare Rsrc to 0 and branch if EQUAL
BNE0i
Rsrc, disp
Compare Rsrc to 0 and branch if NOT EQUAL
ANDi
Rsrc/imm, Rdest
Logical AND: Rdest := Rdest & Rsrc/imm
ANDD
RPsrc/imm, RPdest
Logical AND: RPdest := RPsrc & RPsrc/imm
ORi
Rsrc/imm, Rdest
Logical OR: Rdest := Rdest | Rsrc/imm
ORD
RPsrc/imm, RPdest
Logical OR: Rdest := RPdest | RPsrc/imm
Scond
Rdest
Save condition code as boolean
XORi
Rsrc/imm, Rdest
Logical exclusive OR: Rdest := Rdest ^ Rsrc/imm
XORD
RPsrc/imm, RPdest
Logical exclusive OR: Rdest := RPdest ^ RPsrc/imm
ASHUi
Rsrc/imm, Rdest
Arithmetic left/right shift
ASHUD
Rsrc/imm, RPdest
Arithmetic left/right shift
24
CPU Architecture
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com