Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 59 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 59 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 55Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 56Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 57Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 58Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 59Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 62Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
12.3.1.2 Termination
When the DMAC is the flow controller, the transfer terminates when the transfer count in the BLTCn
register reaches zero. When the peripheral is the flow controller, the peripheral signals the end of transfer.
On termination:
1. The DMASTAT.TC and DMASTAT.OVR bits are set, and the DMASTAT.CHAC bit is cleared.
2. An interrupt is asserted if enabled by the DMACNTn.ETC or DMACNTn.EOVR bits.
12.3.2 Double Buffer Mode
This mode allows software to set up the next DMA transfer while the current transfer proceeds.
12.3.2.1 Initialization
1. Select the peripheral device by writing the SRCRQ field in the DMACNTn register.
2. Write the block transfer addresses and byte count into the ADCAn, ADCBn, and BLTCn counters.
3. Clear the DMACNTn.OT bit to select non-auto-initialize mode. Clear the DMASTAT.VLD bit by writing
a 1 to it.
4. Set the DMACNTn.CHEN bit. This activates the cha nel and enables it to respond to DMA transfer
requests. If the DMACNTn register is loaded for any other reason, the DMACNTn.CHEN bit must be
clear to avoid prematurely starting a new DMA transfer.
5. While the current block transfer proceeds, write the addresses and byte count for the next block into
the ADRAn, ADRBn, and BLTRn registers. The BLTRn register must be written last, because writing
this register sets the DMASTAT.VLD bit which indicates to the DMAC that the parameters for the next
transfer have been updated.
12.3.2.2 Continuation/Termination
When the BLTCn counter reaches 0 (DMACNTn.PF = 0) or the last request has been processed
(DMACNTn.PF = 1):
1. If the DMACNTn.PF bit is clear, the DMASTATn.TC bit is set.
2. If enabled by the DMACNTn.ETC bit, an interrupt is asserted.
3. The DMAC channel checks the DMASTAT.VLD bit.
If the DMASTAT.VLD bit is set:
1. The channel copies the ADRAn, ADRBn, and BLTRn values into the ADCAn, ADCBn, and BLTCn
registers.
2. The DMASTAT.VLD bit is cleared.
3. The next block transfer is started.
If the DMASTAT.VLD bit is clear:
1. The transfer operation terminates.
2. The channel sets the DMASTAT.OVR bit.
3. The DMASTAT.CHAC bit is cleared.
4. If enabled by the DMACNTn.EOVR bit, an interrupt is asserted.
Copyright © 2013, Texas Instruments Incorporated
CPU DMA Controller
59
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com