Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 80 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 80 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 79Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 80Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 81Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 82Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 83Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 84Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 407 page
background image
C1
32.768 kHz
Crystal
C2
GND
X2CKI
X2CKO
DS327
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 14-3. 32.768 kHz Oscillator Crystal Network
Table 14-2. 32.768 kHz Oscillator Component Values
SYMBOL
COMPONENT
PARAMETER
MIN
TYP
MAX
f
Crystal
Resonant Frequency
32.768 kHz
Cm
Crystal
Motional Resistance
1.7 pF
Rm
Crystal
Motional Resistance (ESR)
65 k
Ω
C0
Crystal
Shunt Capacitance
1.3 pF
Q
Crystal
Q Factor
40000
CL
Capacitors
Load Capacitance
25 pF
14.2 Main Clock
Main Clock is generated by the 12-MHz high-frequency oscillator or driven by an external signal (typically
the LMX5251 or LMX5252 Bluetooth radio chip). It can be stopped by the Power Management Module to
reduce power consumption during periods of reduced activity. When the Main Clock is started or restarted,
a 14-bit timer generates a start-up delay to determine when the high-frequency oscillator is stable.
An external clock can be driven on the X1CKI input, but it must not exceed 1.8V. Alternatively, a 3.3V
external clock can be driven on the CLKIN pin, in which case the X1CKI input must be tied low. The
frequency must be a multiple of 12 MHz, up to 96 MHz. (If a frequency other than 12 MHz is chosen, the
timing of the external bus must be compatible with the external memory device used to boot up the
system.) If the Power Management Module indicates the high-frequency oscillator should be stopped, the
on-chip Main Clock signal is stopped even if it was driven by an external clock signal on CLKIN or X1CKI
that continues toggling.
14.3 Slow Clock
Slow Clock is necessary for operating the device in reduced power modes and to provide a clock source
for modules such as the Timing and Watchdog Module.
The low-frequency oscillator may be used to generate Slow Clock in a manner similar to the Main Clock. It
can be stopped by the Power Management Module to reduce power consumption during periods of
reduced activity. When the Slow Clock is started or restarted, a 6-bit timer generates a start-up delay to
determine when the low-frequency oscillator is stable.
80
Clock Generation
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com