Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 89 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 89 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 85Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 86Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 87Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 88Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 89Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 90Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 91Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 92Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
HPHCLK
The Half Periods High Frequency Clock field holds the divisor (expressed in half-periods of
the input clock source) for the prescaler used to generate HCLK Clock. The clock source is
divided by ((HPHCLK + 1) ÷ 2) to obtain the HCLK Clock. The field is biased by 1, so the
default value of this field specifies 32 half-periods, which is a divisor of 16. Zero is an
undefined value for this field.
14.8.4 PCLK Clock Prescaler Register (PMMPRSPC)
The PMMPRSPC register is a byte-wide, read/write register that holds the divisor for generating PCLK
Clock from HCLK Clock. The maximum PCLK Clock frequency is 48 MHz. The register is initialized to 00h
at reset.
7
2M 1
0
Reserved
DIVPCLK
DIVPCLK
The Divisor PCLK Clock field has four defined values:
00b – ÷1
01b – ÷2
10b – ÷4
11b – Reserved.
14.8.5 Slow Clock Prescaler Register (PMMPRSSC)
The PMMPRSSC register is a 16-bit, read/write register that holds the 14-bit prescaler available to
generate Slow Clock from Main Clock. The register is initialized to 02DBh at reset.
31
14M 13
0
Reserved
HPSCLK
HPSCLK
The Half Periods Slow Clock field holds the divisor (expressed in half-periods of the input
clock source) for the prescaler used to generate Slow Clock. The Main Clock is divided by
((HPSCLK + 1) ÷ 2) to obtain the Slow Clock. At reset, the HPSCLK register is initialized to
02DBh, which generates a Slow Clock rate of 32.786885 kHz. This is about 0.5% faster
than a Slow Clock generated from an external 32.768 kHz crystal network. Zero is an
undefined value for this field.
14.8.6 PLLn Control Register 1 (PMMPLLnCTL1)
The PMMPLLnCNT1 registers are 16-bit, read/write registers that hold control fields for the corresponding
PLL. The registers are initialized to 00h at reset.
15
5 4
3
2
1
0
Reserved
PLLIPSEL
PLLDCOE
PLLEN
PLLEN
The PLL Enable field controls whether the PLL is enabled or disabled. Before software can
power down a PLL used to generate HCLK Clock or an Auxiliary Clock, the clocks must be
switched to another clock source.
00 – PLL disabled.
01 – PLL enabled.
10 – Reserved.
11 – Reserved.
PLLDCOE
The PLL Direct Clock Output Enable bit controls the corresponding PLL output. The PLL
Clock output is driven only when this bit is set and the PLL Clock is stable.
0 – PLL Clock output disabled.
1 – PLL Clock is enabled when stable.
Copyright © 2013, Texas Instruments Incorporated
Clock Generation
89
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com