Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 74 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 74 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 70Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 71Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 72Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 73Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 74Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 75Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 76Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 77Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
31
0
IEN2
IEN2
Each Interrupt Enable bit enables or disables the corresponding interrupt channels IRQ64
through IRQ70.
0 – Interrupt is disabled.
1 – Interrupt is enabled.
13.6.7 Interrupt Status Register 0 (ISTR0)
The ISTR0 register is a 32-bit, read-only register. It indicates which maskable interrupt inputs IRQ31 to
IRQ1 are active. These bits are not affected by the state of the corresponding IENR0 bits. Because the
IRQ0 interrupt is not used, bit 0 always reads as 0.
31
1M
0
IST0
Reserved
IST0
The Interrupt Status bits indicate if a maskable interrupt source is signAling an interrupt request.
0 – Interrupt is not active.
1 – Interrupt is active.
13.6.8 Interrupt Status Register 1 (ISTR1)
The ISTR1 register is a 32-bit, read-only register. It indicates which maskable interrupt inputs IRQ63 to
IRQ31 are active. These bits are not affected by the state of the corresponding IENR1 bits.
31
0
IST1
IST1 The Interrupt Status bits indicate if a maskable interrupt source is signaling an interrupt request.
0 – Interrupt is not active.
1 – Interrupt is active.
13.6.9 Interrupt Status Register 2 (ISTR2)
The ISTR2 register is a 32-bit, read-only register. It indicates which maskable interrupt inputs IRQ70 to
IRQ64 are active. These bits are not affected by the state of the corresponding IENR2 bits. Only bits 6:0
of this register are used.
31
0
IST2
IST2
The Interrupt Status bits indicate if a maskable interrupt source is signaling an interrupt
request.
0 – Interrupt is not active.
1 – Interrupt is active.
13.6.10 Software Interrupt Register 0 (SOFTR0)
The SOFTR0 register is a 32-bit, read/write register. Setting a bit in this register activates the
corresponding maskable interrupt IRQ31 to IRQ1. Bit 0 of this register is reserved. The register is
initialized to 0000 0000h at reset.
31
1M
0
SOFT0
Reserved
74
Interrupts
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com