Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 64 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 64 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 60Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 61Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 62Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 63Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 64Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 65Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 66Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 67Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
31
0
Device B Address Counter
12.9.4 Device B Address Register n (ADRBn)
The Device B Address register is a 32-bit, read/write register. It holds the starting address of either the
next source data block or the next destination data area, according to the DIR bit in the DMACNTn
register.
31
0
Device B Address
12.9.5 Block Length Counter Register n (BLTCn)
The Block Length Counter register is a 32-bit, read/write register. It holds the current number of DMA
transfers to be executed in the current block. 0000 0000h is interpreted as 232-1 transfer cycles. BLTCn is
decremented by one after each transfer cycle. A DMA transfer may consist of 1, 2, or 4 bytes, as selected
by the TCS and WMODE bits in the DMACNTn register.
32
0
Block Length Counter
12.9.6 Block Length Register n (BLTRn)
The Block Length register is a 32-bit, read/write register. It holds the number of DMA transfers to be
performed for the next block. 0000 0000h is interpreted as 232-1 transfer cycles. Writing this register
automatically sets the DMASTAT.VLD bit.
15
0
Block Length
12.9.7 Request Timeout Register n (RQTRn)
The Request Timeout register is a 32-bit, read/write register. It holds the timeout time. After reset, the
RQTRn registers are clear.
31
15M M8
0
Reserved
Timeout
12.9.8 Request Timeout Counter Register n (RQTCNTn)
The Request Timeout Count register is a 32-bit, read-only register. It holds the current timeout count. A
RQTCNTn register is loaded from its corresponding RQTRn register when its DMA request is asserted.
The RQTCNTn register is decremented if the DMACNT.TOEN bit is set. After reset, the RQTCNTn
registers are clear.
31
15M M8
0
Reserved
Timeout Counter
12.9.9 DMA Control Register n (DMACNTn)
The DMA Control register is a 32-bit, read/write register that controls the operation of DMA channel n. This
register is initialized to 000C 0000h at reset. Reserved bits must be written with 0.
64
CPU DMA Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com