Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 101 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 101 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 97Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
The PMMSR.MCLKSTB, PMMSR.SCLKSTB, and PMMPLLnCTL2.PLLCLKSTB bits indicate the current
status of the high-frequency oscillator, low-frequency oscillator, and PLLs, respectively. Software can
check the appropriate bit before switching to a power mode that requires a specific clock. A set bit
indicates an operating, stable clock. A clear bit indicates a clock that is disabled, not available, or not yet
stable.
During a power mode transition, if there is a request to switch to a mode which uses a clock with a clear
stability bit, the switch is delayed until the bit is set by the hardware.
When the system is built without an external crystal network for the low-frequency clock, Main Clock or a
PLL Clock is divided by a prescaler to produce the low-frequency clock. In this situation, Main Clock is
disabled only in the Halt mode, and cannot be disabled for the Power Save or Idle mode.
Following reset, Main Clock drives Slow Clock through a prescaler. The prescaler value results in a Slow
Clock rate of 32.786.885 Hz.
NOTE
For correct operation in the absence of a low-frequency crystal, the X2CKI pin must be tied
low (not left floating) so that the hardware can detect the absence of the crystal.
16.7 Power Management Register
Table 16-3 shows the power management register.
Table 16-3. Power Management Register
NAME
ADDRESS
DESCRIPTION
PMMSTCTL
FF A404h
Power Management State Control Register
16.7.1 Power Management State Control Register (PMMSTCTL)
The PMMSTCTL register is a byte-wide, read/write register that controls the operating power mode
(Active, Power Save, Idle, or Halt) and enables or disables the high-frequency oscillator in the Power Save
and Idle modes. At reset, the register are cleared. The format of the register is shown below. At reset, the
register is cleared.
7
6
5
4
3
2
1
0
DSC
WACK
HCCM
DMC
WBPSM
HALT
IDLE
PSM
PSM
When the Power Save Mode bit is clear, the system is in Active mode. If the WBPSM bit is
clear, writing 1 to the PSM bit causes the device to start the switch to Power Save mode. If
the WBPSM bit is set when the PSM bit is written with 1, entry into Power Save mode is
delayed until execution of a WAIT instruction. The PSM bit becomes set after the switch to
Power Save mode is complete. The PSM bit can be cleared by software, and it can be cleared
by hardware when a hardware wakeup event is detected.
0 – Device is not in Power Save mode.
1 – Device is in Power Save mode.
IDLE
The Idle Mode bit indicates whether the device has entered Idle mode. If the WBPSM bit is
clear and the device is in Power Save mode, writing 1 to the IDLE bit causes the device to
start the switch to IDLE mode. If the WBPSM bit is set when the IDLE bit is written with 1,
entry into Idle mode is delayed until execution of a WAIT instruction. The IDLE bit can be set
and cleared by software. It is also cleared by hardware when a hardware wake-up event is
detected. When set, the IDLE bit overrides the PSM bit.
0 – Device is not in Idle mode.
1 – Device is in Idle mode.
Copyright © 2013, Texas Instruments Incorporated
Power Management Module
101
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com