Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 102 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 102 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 98Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 99Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 100Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 101Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 102Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 103Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 104Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 105Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
HALT
The Halt Mode bit indicates whether the device is in Halt mode. If the WBPSM bit is clear and
the device is in Power Save mode, writing 1 to the HALT bit causes the device to start the
switch to Halt mode. If the WBPSM bit is set when the HALT bit is written with 1, entry into
Halt mode is delayed until execution of a WAIT instruction. When in Halt mode, the PMM
stops HCLK Clock and then turns off the high-frequency oscillator and PLLs. The low-
frequency oscillator also may be stopped in Halt mode by setting the PMMSTCTL.DSC bit.
The HALT bit can be set and cleared by software. Halt mode is exited by a hardware wake-up
event. When this signal is set high, the oscillator is started. After the oscillator has stabilized,
the HALT bit is cleared by hardware. When set, the HALT bit overrides the IDLE and PSM
bits.
0 – Device is not in Halt mode.
1 – Device is in Halt mode.
WBPSM
When the Wait Before Power Save Mode bit is clear, a switch from Active mode to Power
Save mode only requires setting the PSM bit. When the WBPSM bit is set, a switch from
Active mode to Power Save, Idle, or Halt mode is performed by setting the PSM, IDLE, or
HALT bit, respectively, and then executing a WAIT instruction. Also, if the DMC or DPLLC bits
are set, the high-frequency oscillator or PLLs may be disabled only after a WAIT instruction is
executed and the Power Save, Idle, or Halt mode is entered.
0 – Mode transitions may occur immediately.
1 – Mode transitions are delayed until the next WAIT instruction is executed.
DMC
The Disable Main Clock bit may be used to disable Main Clock and the high-frequency
oscillator in Power Save and Idle modes. In Active mode, Main Clock is enabled without
regard to the DMC value. In Halt mode, Main Clock is disabled without regard to the DMC
value. Disabling Main Clock will also disable the PLL Clocks. The DMC bit is cleared by
hardware when a hardware wake-up event is detected.
0 – Main Clock is only disabled in Halt mode or when disabled by the HCC mechanism.
1 – Main Clock is also disabled in Power Save and Idle modes, unless Slow Clock is
generated from Main Clock or PLL Clock.
HCCM
The Hardware Clock Control for Main Clock bit may be used in Power Save and Idle modes to
disable Main Clock and the high-frequency oscillator conditionally, depending on whether the
Bluetooth LLC is in Sleep mode. Disabling Main Clock has the side-effect of disabling the PLL
Clocks. The DMC bit must be clear for this mechanism to operate. The HCCM bit is
automatically cleared when the device enters Active mode.
0 – Main Clock is disabled in Power Save or Idle mode only if the DMC bit is set.
1 – Main Clock is also disabled if the Bluetooth LLC is idle.
WACK
The Wake-Up on Interrupt Acknowledge bit is set to enable a mode in which the system will
wake up when an interrupt acknowledge occurs. This could be used in Power Save mode
without using the WAIT instruction, so that an interrupt could be used to power up the system
quickly, rather than needing the software to do it. If the WACK bit is clear, then an interrupt
acknowledge will not cause a wake up from a low power mode.
0 – Interrupt acknowledge does not wake up from low-power mode.
1 – Interrupt acknowledge wakes up from low-power mode.
DSC
The Disable Slow Clock bit is used to disable the low-frequency oscillator in Halt mode. This
bit would typically be set for maximum power savings, but the low-frequency oscillator is
optimized for very low power so it may not be necessary to disable it. Leaving the oscillator
running avoids a start-up delay for the low-frequency oscillator. The DSC bit is cleared when a
hardware wake-up event occurs.
0 – Low-frequency oscillator is not disabled.
1 – Low-frequency oscillator is disabled when Halt mode is entered.
102
Power Management Module
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com