Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 113 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 113 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 109Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 110Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 112Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 113Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
15
0M
PxDOUT
PxDOUT The Port Data Out bits hold the data to be driven on pins configured as outputs in general-
purpose I/O mode. When interrupts are enabled in the PxIEN register, the PxDOUT bits
specify the signal levels which assert interrupts.
0 – Drive output pin low.
1 – Drive output pin high.
18.2.4 Port Interrupt Enable Register (PxIEN)
The PxIEN registers enable the port input logic so that the corresponding pins can be used as wake-up
inputs to the MIWU. All 16 pins on Ports E, F, and G and three pins on 8-bit Port H have independently
programmable MIWU channels, which give them the capability to interrupt the CPU and wake up the
system from low-power modes. If an alternate function is enabled which uses a pin as an input, the port
input logic is already enabled, so it is not required to set the corresponding bit in its PxIEN register. The
PxDOUT register specifies the signal level which asserts the wake-up signal to the MIWU. At reset, the
register is cleared to 0000h.
15
0M
PxIEN
PxIEN
The Port Interrupt Enable bits enable the port input logic so that the corresponding port pins
can be used as MIWU inputs.
0 – Interrupt disabled.
1 – Interrupt enabled.
18.2.5 Port Alternate Function Register (PxALT)
The PxALT registers control whether the port pins are used for general-purpose I/O or for their alternate
function. Each port pin can be controlled independently.
A clear bit in the alternate function register causes the corresponding pin to be used for general-purpose
I/O. In this configuration, the port pin output buffer is controlled by the direction register (PxDIR) and the
data output register (PxDOUT). The input buffer is visible to software as the data input register (PxDIN).
A set bit in the alternate function register (PxALT) causes the corresponding pin to be used for its
peripheral I/O function. When the alternate function is selected, the port direction and output data are
controlled by the peripheral device.
A reset clears the port alternate function registers, which initializes the pins as general-purpose I/O ports.
15
0M
PxALT
PxALT
The Port Alternate Function bits control whether the corresponding port pins are general-
purpose I/O ports or are used in their alternate function by an on-chip peripheral.
0 – General-purpose I/O selected.
1 – Alternate function selected.
Copyright © 2013, Texas Instruments Incorporated
Input/Output Ports
113
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com