Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 115 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 115 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 111Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 112Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 113Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
18.2.7 Port Weak Pullup/Pulldown Enable Register (PxWPU)
The PxWPU register controls whether a weak pullup or pulldown device is enabled on the output buffer.
The pullup or pulldown device, if enabled by the register bit, operates whenever the port output buffer is
disabled (TRI-STATE mode). Enabling the pullup or pulldown device is unaffected by whether the port pin
is in GPIO or alternate function mode. A reset operation clears the PxWPU registers, which disables all
pullups and pulldowns.
15
0M
PxWPU
PxWPU The Weak Pullup/Pulldown Enable bits control whether the weak pullup/pulldown device is
enabled.
0 – Weak pullup/pulldown disabled.
1 – Weak pullup/pulldown enabled.
18.2.8 Port Weak Pullup/Pulldown Direction Register (PxPDR)
The PxPDR register selects whether a weak pullup or pulldown device is enabled on the output buffer.
The pullup or pulldown device, if enabled in the PxWPU register, operates whenever the port output buffer
is disabled (TRI-STATE mode). The PxPDR bits are ignored unless the corresponding PxWPU bits are
set. At reset, the registers are initialized to FFFFh, which selects pullups.
15
0M
PxPDR
PxPDR
The Pullup/Pulldown Direction bits select between a pullup and a pulldown device.
0 – Pulldown selected.
1 – Pullup selected.
19 Bluetooth Controller
The integrated hardware Bluetooth Lower Link Controller (LLC) complies to the Bluetooth Specification
Version 1.2 and integrates the following functions:
•
7K-byte dedicated Bluetooth data RAM
•
1K-byte dedicated Bluetooth sequencer RAM
•
Support of all Bluetooth 1.2 packet types
•
Support for fast frequency hopping of 1600 hops/s
•
Access code correlation and slot timing recovery circuit
•
Power Management Control Logic
•
BlueRF-compatible interface to connect with National’s LMX5252 and other RF transceiver chips
For a detailed description of the interface to the LMX5252, consult the LMX5252 data sheet which is
available from the Texas Instruments wireless group. National provides software libraries for using the
Bluetooth LLC. Documentation for the software libraries is also available from National Semiconductor.
19.1 RF Interface
The CP3SP33 interfaces to the LMX5251 or LMX5252 radio chips though the RF interface.
Figure 19-1 shows the interface between the CP3SP33 and the LMX5251 radio chip.
Copyright © 2013, Texas Instruments Incorporated
Bluetooth Controller
115
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com