Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 117 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 117 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 113Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 114Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 115Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 120Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
19.1.1 RF Interface Signals
The RF interface signals are grouped as follows:
•
Modem Signals (CLKIN, RFDATA, and RFSYNC)
•
Control Signal (RFCE)
•
Serial Interface Signals (SCLK, SDAT, and SLE)
•
Bluetooth Sequencer Status Signals (BTSEQ1, BTSEQ2, and BTSEQ2)
Software must enable the alternate functions of the RF interface signals to allow them to be controlled by
the Bluetooth module.
19.1.1.1 CLKIN
The CLKIN pin is the input signal for the 12-MHz clock signal. The radio chip uses this signal internally as
the 12× oversampling clock and provides it externally to the CP3SP33 for use as the Main Clock.
19.1.1.2 RFDATA
The RFDATA signal is the multiplexed Bluetooth data receive and transmit signal. The data is provided at
a bit rate of 1 Mbit/s with 12× oversampling, synchronized to the 12 MHz CLKIN. The RFDATA signal is a
dedicated RF interface pin. This signal is driven to a logic high level after reset.
19.1.1.3 RFSYNC
In receive mode (data direction from the radio chip to the CP3SP33), the RFSYNC signal acts as the
frequency correction/DC compensation circuit control output to the radio chip. The RFSYNC signal is
driven low throughout the correlation phase and driven high when synchronization to the received access
code is achieved.
In transmit mode (data direction from the CP3SP33 to the radio chip), the RFSYNC signal enables the RF
output of the radio chip. When the RFSYNC pin is driven high, the RF transmitter circuit of the radio chip
is enabled, corresponding to the settings of the power control register in the radio chip
The RFSYNC signal is the alternate function of the general-purpose I/O pin PG0. At reset, this pin is in
TRI-STATE mode. Software must enable the alternate function of the PG0 pin to give control over this
signal to the RF interface.
19.1.1.4 RFCE
The RFCE signal is the chip enable output to the external RF chip. When the RFCE signal is driven high,
the RF chip power is controlled by the settings of its power control registers. When the RFCE signal is
driven low, the RF chip is powered-down. However, the serial interface is still operational and the
CP3SP33 can still access the RF chip internal control registers.
The RFCE signal is the alternate function of the general-purpose I/O pin PG1. At reset, this pin is in TRI-
STATE mode. Software must enable the alternate function of the PG1 pin to give control over this signal
to the RF interface.
During Bluetooth power-down phases, the CP3SP33 provides a mechanism to reduce the power
consumption of an external RF chip by driving the RFCE signal of the RF interface to a logic low level.
This feature is available when the Power Management Module of the CP3SP33 has enabled the
Hardware Clock Control mechanism. (However, the current version of the radio chip does not implement a
power-reduction mode.)
19.1.1.5 SCLK
The SCLK signal is the serial interface shift clock output. The CP3SP33 always acts as the master of the
serial interface and therefore always provides the shift clock. The SCLK signal is the alternate function of
the general-purpose I/O pin PG3. At reset, this pin is in TRI-STATE mode. Software must enable the
alternate function of the PG3 pin to give control over this signal to the RF interface.
Copyright © 2013, Texas Instruments Incorporated
Bluetooth Controller
117
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com