Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 121 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 121 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 120Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 407 page
background image
SLE
SCLK
SDAT
DS323
>500 ns
D16
D31
A0
A1
A2
A3
A4
R
H0
H1
H2
D0
D15
A0
A1
A2
A3
A4
R
H0
H1
H2
SLE
SCLK
SDAT
DS322
>500 ns
D0
D14
D15
A0
A1
A2
A3
A4
W
H0
H1
H2
D16
D30
D31
A0
A1
A2
A3
A4
W
H0
H1
H2
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
Figure 19-7. 32-Bit Write Timing
Figure 19-8. 32-Bit Read Timing
An example of a 32-bit write is shown in Table 40. In this example, the 32-bit value FFFF DC04h is written
to register address 0Ah. In cycle 1, the high word (FFFFh) is written. In the first part of cycle 2, the
CP3SP33 drives the header, R/W bit, and register address for a read cycle. In the second part of cycle 2,
the LMX5252 drives the counter value. The counter value is 0, which indicates one word has been written.
In cycle 3, the low word (DC04h) is written. In the first part of cycle 4, the CP3SP33 drives the header,
R/W bit, and register address for a read cycle. In the second part of cycle 4, the LMX5252 drives the
counter value. The counter value is 1, which indicates two words have been written.
Table 19-1. Example of 32-Bit Write with Interleaved Reads
CYCLE
SERIAL DATA ON SDAT
DESCRIPTION
1
101 0 01010 1111111111111111
Write cycle driven by CP3SP33. Data is FFFFh. Address is 0Ah.
2
101 1 01010
First part of read cycle driven by CP3SP33. Address is 0Ah.
0000000000000000 Second part of read cycle driven by LMX5252. Counter value is 0.
3
101 0 01010 1101110000000100
Write cycle driven by CP3SP33. Data is DC04h. Address is 0Ah.
4
101 1 01010
First part of read cycle driven by CP3SP33. Address is 0Ah.
0000000000000001 Second part of read cycle driven by LMX5252. Counter value is 1.
Copyright © 2013, Texas Instruments Incorporated
Bluetooth Controller
121
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com