Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 120 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 120 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 116Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 117Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 120Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 407 page
background image
SLE
SCLK
SDAT
DS015
D8
D9
D10
D11
D12
A0
A1
A2
SLE
SCLK
SDAT
DS014
D0
D1
D6
D7
D8
D9
D10
D11
D12
A0
A1
A2
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Read Operation
When the R/W bit is set, data is shifted out of the radio chip on the rising edge of SCLK. Data is sampled
by the CP3SP33 on the falling edge of SCLK. On reception of the read command (R/W = 1), the radio
chip takes control of the serial interface data line. The received 16-bit data is loaded by the CP3SP33 after
the first falling edge of SCLK when SLE is high. When SLE is high, the radio chip releases the SDAT line
again on the next rising edge of SCLK. The CP3SP33 takes control of the SDAT line again after the
following rising edge of SCLK. Which radio chip register is read, depends on the state of the four address
bits, Address[4:0]. The transfer is always 16 bits, without regard to the actual size of the register.
Unimplemented bits contain undefined data. Figure 19-5 shows the timing for the read operation .
Figure 19-5. Serial Interface 16-bit Fast-Write Timing
Figure 19-6. Serial Interface 8-bit Fast-Write Timing
32-Bit Write Operation
On the LMX5252, a 32-bit register is loaded by writing to the same register address twice. The first write
loads the high word (bits 31:16), and the second write loads the low word (bits 15:0). The two writes must
be separated by at least two clock cycles. For a 4-MHz clock, the minimum separation time is 500 ns.
The value read from a 32-bit register is a counter value, not the contents of the register. The counter value
indicates which words have been written. If the high word has been written, the counter reads as 0000h. If
both words have been written, the counter reads as 0001h. The value returned by reading a 32-bit register
is independent of the contents of the register.
Figure 19-7 and Figure 19-8 show the timing for 32-bit register writing and reading.
120
Bluetooth Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com