Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 122 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 122 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 118Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 119Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 120Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 121Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
19.3 LMX5251 Power-Up Sequence
To power-up a Bluetooth system based on the CP3SP33 and LMX5251 devices, the following sequence
must be performed.
1. Apply VDD to the LMX5251.
2. Apply IOVCC and VCC to the CP3SP33.
3. The RESET_N pin of the radio chip is directly connected to the Vuc pin of the radio chip and the
RFVcc pin of the Pulsar. As the voltage on the RESET_N (also Vuc and RFVcc) is applied after
applying a voltage to the Vdd pin, the LMX5251 is properly reset.
4. After (Power-On) reset of the Pulsar the RFDATA pin of the Pulsar is driven high. The RFCE, RFSYNC
and SDAT pins of te Pulsar are set into high-impedance state. However, there are pullup/pulldown
resistors built into the S_CLK, S_DATA, S_LE, and Rx/Tx_Synch pins of the radio chip to assure the
correct initial voltage levels for a proper power-up sequence.
5. The RFDATA pin driven to logic high level causes the radio chip to enable its oscillator and after an
oscillator start-up delay, the radio chip outputs a stable 12 MHz clock (BB_CLK/BRCLK) to the Pulsar.
6. By receiving a stable clock from the radio chip, the Pulsar is operational and the CR16 enables the
alternate function of the GPIO pin, used by the RF interface.
7. Now the Bluetooth LLC can directly control the RF interface pins and sets the pins to the logic high
levels required during the power-up phase. The RFCE pin driven high forces the radio chip to switch
from “power-up” to “normal” mode and to disable it’s internal pullup/pulldown resistors of the RF
interface.
8. In the “normal” mode the oscillator of the RF chip is controlled via the RFCE pin. Driving the RFCE pin
to logic high level enables the oscillator and the RF chip outputs the BBCLK.
9. Drive the RESET# pin of the LMX5251 high a minimum of 2 ms after the LMX5251 and CP3000
supply rails are powered up. This resets the LMX5251 and CP3SP33.
10. After internal Power-On Reset (POR) of the CP3SP33, the RFDATA pin is driven high. The RFCE,
RFSYNC, and SDAT pins are in TRI-STATE mode. Internal pullup/pulldown resistors on the
CCB_CLOCK (SCLK), CCB_DATA (SDAT), CCB_LATCH (SLE), and TX_RX_SYNC (RFSYNC) inputs
of the LMX5251 pull these signals to states required during the power-up sequence.
11. When the RFDATA pin is driven high, the LMX5251 enables its oscillator. After an oscillator start-up
delay, the LMX5251 drives a stable 12-MHz BBP_CLOCK (CLKIN) to the CP3SP33.
12. The Bluetooth baseband processor on the CP3SP33 now directly controls the RF interface pins and
drives the logic levels required during the power-up phase. When the RFCE pin is driven high, the
LMX5251 switches from “power-up” to “normal” mode and disables the internal pullup/pulldown
resistors on its RF interface inputs.
13. In “normal” mode, the oscillator of the LMX5251 is controlled by the RFCE signal. Driving RFCE high
enables the oscillator, and the LMX5251 drives its BBP_CLOCK (CLKIN) output.
122
Bluetooth Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com