Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 126 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 126 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 122Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Table 19-2. Memory Map of Bluetooth Global Registers
ADDRESS
DESCRIPTION
0001 2080h–0001 20C8h
Global LLC Configuration
0001 20C9h–0001 20FFh
Unused
19.7 Bluetooth Sequencer RAM
The sequencer RAM is a 1K memory-mapped section of RAM that contains the sequencer program. This
RAM can be read and written by the CPU in the same way as the Static RAM space and can also be read
by the sequencer in the Bluetooth LLC. Arbitration between these devices is performed in hardware.
19.8 Bluetooth Shared Data RAM
The shared data RAM is a 7K memory-mapped section of RAM that contains the link control data, RF
programming look-up table, and the link payload. This RAM can be read and written in the same way as
the Static RAM space and can also be read by the sequencer in the Bluetooth LLC. Arbitration between
these devices is performed in hardware. Table 19-3 shows the memory map of the Bluetooth LLC shared
Data RAM.
Table 19-3. Memory Map of Bluetooth Shared RAM
ADDRESS
DESCRIPTION
0001 2500h–0001 26D9h
RF Programming Look-up Table
0001 26DAh–0001 26FFh
Unused
0001 2700h–0001 273Fh
Link Control 0
0001 2740h–0001 277Fh
Link Control 1
0001 2780h–0001 27BFh
Link Control 2
0001 27C0h–0001 27FFh
Link Control 3
0001 2800h–0001 283Fh
Link Control 4
0001 2840h–0001 287Fh
Link Control 5
0001 2880h–0001 28BFh
Link Control 6
0001 28C0h–0001 28FFh
Link Control 7
0001 2900h–0001 36FFh
Link Payload 0–6
20 Telematics Codec
The telematics codec provides dual input channels for voice recognition, telematics, voice-over-IP (VoIP),
and Bluetooth applications, and it provides high-quality stereo output for music playback and voice DAC
functions.
The ADC has these features:
•
Two differential or single-ended analog microphone input
•
Two digital microphone interfaces
•
Programmable microphone gain and muting
•
SNR of 70 dB for ADC path
•
Fixed 125× oversampling rate
•
8 kHz to 24 kHz
•
Selectable choice of high-pass filters
The stereo DAC has these features:
•
>85 dB SNR
•
Selectable mono and stereo modes
126
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com