Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 127 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 127 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 123Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 124Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 125Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 126Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 407 page
background image
DS405
128/125
Sidetone
Stereo DAC Section
TCLP
TCLN
TCVRFN
TCVRFP
TCVBUF2
TCVCM2
DIGMIC1
TCMIC1P
TCMIC1N
FIFO
FIFO
ASDM
Reconstruction
Filter
125
References
128/125
TCRP
TCRN
Reconstruction
Filter
FIFO
Drivers
Dual ADC Section
DIGMIC2
TCMIC2P
TCMIC2N
FIFO
ASDM
125
TCVBUF1
TCVCM1
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
•
Exact sample rates of 8, 12, 16, 24, and 48 kHz derived from 12-MHz clock
•
Exact sample rates of 22.05, 24, 32, 44.1, 48, 88.2, 96, 176.4, and 192 kHz from on-chip PLL
•
125× oversampling rate mode using 2, 3, 4, 6, or 12 MHz clock
•
128× oversampling rate mode
•
64× and 32× oversampling rate modes for high-quality 96/192 kHz audio
•
On-chip fully differential signaling for analog circuitry to ensure high PSRR and low crosstalk
•
Mute and low-power modes on outputs
•
Programmable sidetone from ADC
•
Click and pop reduction and DC protection circuits
•
Zero-crossing detection for mode changing
•
Power-management sequencer to protect external components (such as speakers) from power
fluctuations
•
Programmable 5-tap FIR filter for tone control and compensation
Figure 20-1. Telematics Codec
20.1 CODEC ADC
The ADCs are designed for operation at 8 or 16 kHz and meet all typical specifications at this level. They
can be used at sample rates up to 24 kHz by increasing the input clock from 1 MHz up to 3 MHz. The
ADCs are 125×-oversampled, second-order, analog sigma-delta modulator (ASDM) designed specifically
for audio applications. They use IIR filters to obtain large stopband attenuations. The frequency response
matches that used for Bluetooth and GSM at 8 kHz, and it is suitable for G.722 applications at 16 kHz.
The ADCs have selectable high-pass filters to support pop/wind rejection at higher sampling rates. The
clock should be set as shown in Table 20-1.
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
127
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com