Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP3SP33SMS/NOPB Datasheet(PDF) 131 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 131 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 127Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 128Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 129Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 130Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 131Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 132Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
If a watchdog reset occurs, the codec’s integral power management will not power down the analog
circuitry in a safe manner. When software needs to reset the codec, it should set and then clear the
SFTRST bit in the TCDCDEBUG register.
20.8 DC Protection Monitor
If the analog outputs are used to drive a loudspeaker differentially, then DC offsets on the outputs can
damage the drivers. If the DAC FIFO output has not changed for a programmable number of samples, the
DC protection monitor triggers a DAC FIFO flush. If the number of DC protection monitor events exceeds
a programmable limit, the monitor can also shut down the stereo DAC. If the DAC is not being used for
audio applications and a constant DC output is required, the monitor can be disabled.
20.9 Sidetone Injection
Sidetone injection from the ADC1 channel can be enabled individually for each DAC channel. The level of
sidetone attenuation is programmable in the SIDETONEATTEN field of the TCDCDSP register from 0 to
–36 dB in increments of 3 dB. If the sidetone signal for either channel causes clipping, a warning flag is
set (STCLPL or STCLPR in the TCDCDSP register).
If the sidetone is used, ADC1 and the stereo DAC must run from the same clock at the same sample and
oversampling rate. This can be enabled by setting the CLKTIE bit in the TCDCADC1CLK register and
selecting a DAC oversampling rate of 125.
20.10 Telematics Codec Register Set
Table 20-4 lists the telematics codec registers.
Table 20-4. Telematics Codec Registers
NAME
ADDRESS
DESCRIPTION
TCDCBASIC
FF 4400h
Codec Basic Configuration Register
TCDCDACSTATUS
FF 4404h
Codec DAC Status Register
TCDCADCSTATUS
FF 4408h
Codec ADC Status Register
TCDCDSP
FF 440Ch
Codec DSP Set-Up Register
TCDCADCANA1
FF 4410h
Codec ADC1 Analog Control Register
TCDCADCANA2
FF 4414h
Codec ADC2 Analog Control Register
TCDCADC1CLK
FF 4418h
Codec ADC1 Clock Register
TCDCADC2CLK
FF 441Ch
Codec ADC2 Clock Register
TCDCDACCLK
FF 4420h
Codec DAC Clock Register
TCDCFIFO
FF 4424h
Codec FIFO Trigger Control Register
TCDCIRQEN
FF 4428h
Codec Interrupt Enable Register
TCDCIRQPNDCLR
FF 442Ch
Codec Interrupt Pending/Clear Register
TCDCCOMPC0
FF 4430h
Codec Compensation Filter C0/4 Tap Register
TCDCCOMPC1
FF 4434h
Codec Compensation Filter C1/3 Tap Register
TCDCCOMPC2
FF 4438h
Codec Compensation Filter C2 Tap Register
TCDCADC1
FF 4448h
Codec ADC1 Data Register
TCDCADC2
FF 444Ch
Codec ADC2 Data Register
TCDCLEFT
FF 4450h
Codec Left-Channel DAC Data Register
TCDCRIGHT
FF 4454h
Codec Right-Channel DAC Data Register
TCDCDEBUG
FF 443Ch
Codec Debug Register
TCDCMONITOR
FF 4458h
Codec Monitor Control and Status Register
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
131
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com